Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC2M8S1 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S1
Description  3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S1 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4LC2M8S1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC2M8S1
AS4LC1M16S1
18 A proper power-up initialization sequence (as described on page 10) is needed before proper device operation is ensured. (V DD and VDDQ must be
powered up simultaneously. VSS and VSSQ must be at the same potential.)Two AUTOREFRESH command wake-ups should be repeated any time the tREF
refresh requirement is exceeded.
19 AC characteristics assume tT = 1 ns.
20 In addition to meeting the transition rate specification, the clock and CKE must transit between V IH and VIL (or between VIL and VIH) in a monotonic
manner.
21 Outputs measured at 1.4 V with equivalent load.
22 AC timing and IDD tests have VIL = 0V and VIH = 2.8 V with timing referenced to 1.4V crossover point.
23 IDD specifications are tested after the device is properly initialized.
24 Minimum clock cycles = (minimum time/clock cycle time) rounded up.
Device operation
Command
Pin settings
Description
Power up
The following sequence is recommended prior to normal operation.
1
Apply power, start clock, and assert CKE and DQM high. All other
signals are NOP.
2
After power-up, pause for a minimum of 200µs. CKE/DQM =
high; all others NOP.
3
Precharge both banks.
4
Perform Mode Register Set command to initialize mode register.
5
Perform a minimum of 8 auto refresh cycles to stabilize internal
circuitry.
(Steps 4 and 5 may be interchanged.)
Mode register set
CS = RAS = CAS = WE = low;
A0~A11 = opcode
The mode register stores the user selected opcode for the SDRAM
operating modes. The CAS latency, burst length, burst type, test mode
and other vendor specific functions are selected/programmed during
the Mode Register Set command cycle. The default setting of the mode
register is not defined after power-up. Therefore, it is recommended
that the power-up and mode register set cycle be executed prior to
normal SDRAM operation. Refer to the Mode Register Set table and
timing for details.
Device deselect and
no operation
CS = high, or
RAS, CAS, WE = high
The SDRAM performs a “no operation” (NOP) when RAS, CAS, and
WE = high. Since the NOP performs no operation, it may be used as a
wait state in performing normal SDRAM functions. The SDRAM is
deselected when CS is high. CS high disables the command decoder
such that RAS, CAS, WE and address inputs are ignored. Device
deselection is also considered a NOP.
Bank activation
CS = RAS = low; CAS = WE =
high; A0~A10 = row address;
A11 = bank select
The SDRAM is configured with two internal banks. Use the Bank
Activate command to select a row in one of the two idle banks. Initiate
a read or write operation after tRCD(min) from the time of bank
activation.
Q
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com