Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC2M8S1 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S1
Description  3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S1 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS4LC2M8S1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC2M8S1
AS4LC1M16S1
Operating modes
1
OP= operation code.
A0~A11 see page 5.
2
MRS can be issued only when both banks are precharged and no data burst is ongoing. A new command can be issued 2 clock cycles after MRS.
3
Auto refresh functions similarly to CBR DRAM refresh. However, precharge is automatic.
Auto/self refresh can only be issued after both banks are precharged.
4
A11: bank select address. If low during read, write, row active and precharge, bank A is selected.
If high during those states, bank B is selected. Both banks are selected and A11 is ignored if A10 is high during row precharge.
5
A new read/write/deac command to the same bank cannot be issued during a burst read/write with auto precharge.
A new row active command can be issued after t RP from the end of the burst.
6
Burst stop command valid at every burst length except full-page burst.
7
DQM sampled at positive edge of CLK. Data-in may be masked at every CLK (Write DQM latency is 0).
Data-out mask is active 2 CLK cycles after issuance. (Read DQM latency is 2).
Command
CKEn-1 CKEn
CS
RAS
CAS
WE
DQM
A11
A10
A9–A0
Note
Mode register set
H
X
L
L
L
L
X
Op code
1,2
Auto refresh
H
H
L
L
L
H
X
X
3
Self
refresh
Entry
H
LLL
L
H
X
X
3
Exit
L
H
LH
H
H
X
X
3
HX
X
X
X
X
3
Bank activate
H
X
L
L
H
H
X
V
*
* V = Valid.
row address
Read
Auto precharge disable
H
X
LH
LH
X
V
L
column
address
4
Auto precharge enable
H
4,5
Write
Auto precharge disable
HX
L
H
L
L
X
V
L
column
address
4
Auto precharge enable
H
4,5
Burst stop
H
X
L
H
H
L
X
X
6
Precharge
Selected bank
HX
L
L
H
L
X
VL
X
Both banks
X
H
Clock suspend or
active power down
Entry
H
L
HX
X
X
X
X
LV
V
V
X
Exit
L
H
XX
XX
X
Precharge power
down mode
Entry
H
L
HX
X
X
X
X
LH
H
H
X
Exit
L
H
HX
X
X
X
LH
H
H
X
DQM
H
XX
XX
XVX
X
X
7
No operation command
H
X
HX
X
X
X
X
LH
H
H
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com