Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC2M8S1 Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S1
Description  3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S1 Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4LC2M8S1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AS4LC2M8S1
AS4LC1M16S1
7/5/00
ALLIANCE SEMICONDUCTOR
11
Burst read
CS = CAS = A10 = low; RAS =
WE = high; A11 = bank select,
A0~A8 = column address; (A9
= don’t care for 2M × 8; A8,
A9 = don’t care for 1M × 16)
Use the Burst Read command to access a consecutive burst of data from
an active row in an active bank. Burst read can be initiated on any
column address of an active row. The burst length, sequence and
latency are determined by the mode register setting. The first output
data appears after the CAS latency from the read command. The output
goes into a high impedance state at the end of the burst (BL = 1,2,4,8)
unless a new burst read is initiated to form a gapless output data
stream. A full-page burst does not terminate automatically at the end of
the burst. Terminate the burst with a burst stop command, precharge
command to the same bank or another burst read/write
Burst write
CS = CAS = WE = A10 = low;
RAS = high; A0~A9 = column
address; (A9 = don’t care for
2M × 8; A8, A9 = don’t care
for 1M × 16)
Use the Burst Write command to write data into the SDRAM on
consecutive clock cycles to adjacent column addresses. The burst
length and addressing mode is determined by the mode register
opcode. Input the initial write address in the same clock cycle as the
Burst Write command. Burst terminate behavior for write is the same
as that for read.Terminate the burst with a burst stop command,
precharge command to the same bank or another burst read/write.
DQM can also be used to mask the input data.
UDQM/LDQM (×16)
DQM (×8) operation
Use DQM to mask input and output data. It disables the output buffers
in a read operation and masks input data in a write operation. The
output data is invalid 2 clocks after DQM assertion (2 clock latency).
Input data is masked on the same clock as DQM assertion (0 clock
latency).
Burst stop
CS = WE = low; RAS = CAS =
high
Use burst stop to terminate burst operation. This command may be
used to terminate all legal burst lengths.
Bank precharge
CS = A10 = RAS = WE = low;
CAS = high; A11 = bank
select; A0~A9 = don’t care
The Bank Precharge command precharges the bank specified by A11.
The precharged bank is switched from active to idle state and is ready
to be activated again. Assert the precharge command after tRAS(min) of
the bank activate command in the specified bank. The precharge
operation requires a time of tRP(min) to complete.
Precharge all
CS = RAS = WE = low; CAS =
A10 = high; A11, A0~A9 =
don’t care
The Precharge All command precharges both banks simultaneously.
Both banks are switched to the idle state on precharge completion.
Auto precharge
Write: CS = CAS = WE = low ;
Read: CS = CAS = low;
A10 = high; A11 = bank select;
A0~A9 = column address;
(A9 = don’t care for 2M × 8; A8,
A9 = don’t care for 1M × 16)
During auto precharge, the SDRAM adjusts internal timing to satisfy
tRAS(min) and tRP for the programmed CAS latency and burst length.
Couple the auto precharge with a burst read/write operation by
asserting A10 to a high state at the same time the burst read/write
commands are issued. At auto precharge completion, the specified
bank is switched from active to idle state. Note that no new commands
(RD/WR/DEAC) can be issued to the same bank until the specified
bank achieves the idle state. Auto precharge does not work with full-
page burst.
Clock suspend/power
down mode entry
CKE = low
When CKE is low, the internal clock is frozen or suspended from the
next clock cycle and the state of the output and burst address are
frozen. If both banks are idle and CKE goes low, the SDRAM enters
power down mode at the next clock cycle. When in power down
mode, no input commands are acknowledged as long as CKE remains
low. To exit power down mode, raise CKE high before the rising edge
of CLK.
Command
Pin settings
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com