Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SL13
Description  VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SL13 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SL13 Datasheet HTML 1Page - First Silicon Co., Ltd SL13 Datasheet HTML 2Page - First Silicon Co., Ltd SL13 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SL12 THRU SL14
VOLTAGE 20V ~ 40V
1.0AMP Surface Mount Schottky Barrier Rectifiers
MAX
M A
GS AND
C
CAL C A AC
S C
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine- wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A (Note 1)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
1.0
30
2
100
28
5
2
1
+
5
5
-
- 55
+150
A
A
V
mA
mA
Typical Thermal Resistance RJA (Note 2)
0.385
0.385
0.4
NOTES
1. Pulse Test with PW=300usec, 1% Duty Cycle
2. Measured on PCB with 5.0x5.0 mm Copper Pad Area
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V- 0 rate flame retardant
*
* Weight: 0.064 grams
FEATURES
* For surface mount applications
* Epitaxial construction
* Very low forward voltage drop
* For use in low voltage, high frequency inverter,
free wheeling
C
C
C/ W
Operating
Storage Temperature Range T
STG
Temperature Range TJ
V
20
30
40
20
30
40
14
21
28
V
V
SL12
SL13
SL14
UNITS
DO- 214AC
SMA
Cathode
Anode
Polarity: Color band denotes cathode end
SEMICONDUCTOR
TECHNICAL DATA
SL12 ~ SL14
2009. 07. 23
1/3
Revision No : 0


Similar Part No. - SL13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL13 PANJIT-SL13 Datasheet
50Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SL13 TRSYS-SL13 Datasheet
156Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL13 GE-SL13 Datasheet
74Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SL13 PANJIT-SL13 Datasheet
96Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL13 BILIN-SL13 Datasheet
53Kb / 2P
SMD SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SL13

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
1S20 SECOS-1S20 Datasheet
279Kb / 2P
VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
logo
Weitron Technology
SL22M WEITRON-SL22M Datasheet
97Kb / 3P
2.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SK12AF WILLAS-SK12AF Datasheet
306Kb / 2P
1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
LFM220-L FORMOSA-LFM220-L Datasheet
163Kb / 7P
2.0A Surface Mount Schottky Barrier Rectifiers-20V-40V
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
PACELEADER INDUSTRIAL
SL52-A PACELEADER-SL52-A Datasheet
863Kb / 5P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
First Silicon Co., Ltd
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com