Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2LPM Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2LPM
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2LPM Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2LPM Datasheet HTML 1Page - M-System Co.,Ltd. M2LPM Datasheet HTML 2Page - M-System Co.,Ltd. M2LPM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: M2LPM
M2LPM SPECIFICATIONS
ES-5054 Rev.5 Page 3/3
http://www.m-system.co.jp/
EXTERNAL VIEW
1 2 3 4 5 6 7 8
OFF
ON
OFF
ON
1 2 3 4
SW2
SW1
Configuration DIP SW
■ FRONT VIEW
■ SIDE VIEW
Configurator Jack
DOWN Button
UP Button
MODE Button
LED3 (LD3)
LED2 (LD2)
LED1 (LD1)
For detailed information on the configuration and calibration, refer to the instruction manual.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
9
21.5 (.85)
84 (3.31)
10 (.39)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
• When mounting, no extra space is needed between units.
4
8
12
14 13
1
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
U
V
Isolation
Base Socket
5
Output
Driver
8
1
Digital
Computation
Low Drift
Amplifier
CONFIGURATOR
JACK
9
12
STATUS
DIP SW
CONTROL SW
OUTPUT
13
14
POWER
4
2.5V
2.5kΩ
+
–
3
2
1
POTENTIOMETER
max.
min.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com