Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2LPM Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2LPM
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2LPM Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2LPM Datasheet HTML 1Page - M-System Co.,Ltd. M2LPM Datasheet HTML 2Page - M-System Co.,Ltd. M2LPM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M2LPM
M2LPM SPECIFICATIONS
ES-5054 Rev.5 Page 2/3
http://www.m-system.co.jp/
jack.
Programmable features include:
•I/O type and range
•Zero and span adjustments
•Burnout
•User’s linearization table
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
•Potentiometer: 0 – 50 Ω through 10 kΩ
If not specified, the input range is 1500 Ω.
Minimum span:
(Range) 0 – 50 Ω : 2.5 Ω
0 – 150 Ω : 5 Ω
0 – 300 Ω : 5 Ω
0 – 500 Ω : 5 Ω
0 – 1500 Ω : 150 Ω
0 – 10 kΩ : 1000 Ω
Reference voltage: 2.5 V (2.5 kΩ connected in serial)
Reference resistance: 2.5 kΩ
Excitation voltage:
2.5 × Connected Resistance ÷ (Connected Resistance +
2500) [V]
[Example] Resistance = 1000 Ω
2.5 × 1000 ÷ (1000 + 2500) = 0.7 [V]
OUTPUT SPECIFICATIONS
■ DC Current
Maximum range: 0 – 20 mA DC
Conformance range: 0 – 24 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 12 V max.
(e.g. 4 – 20 mA: 600 Ω [12 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V1 (narrow spans)
Conformance range: -3 – +3 V DC
Output range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Code V2 (wide spans)
Conformance range: -11.5 – +11.5 V DC
Output range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V1: 0 – 1 V DC
V2: 1 – 5 V DC
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 120 g (0.26 lb)
PERFORMANCE
Overall accuracy: Input accuracy + output accuracy
Inversely proportional to the span. Except the accuracy of
input resistor.
See CALCULATION EXAMPLES OF OVERALL ACURACY.
• Input accuracy: (% of range)
0 – 50 Ω : ±0.02 %
0 – 150 Ω : ±0.02 %
0 – 300 Ω : ±0.01 %
0 – 500 Ω : ±0.01 %
0 – 1500 Ω : ±0.01 %
0 – 10 kΩ : ±0.01 %
• Output accuracy: ±0.04 % of max. output range
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
Response time: ≤ 1 sec. (0 – 90 %)
Burnout response time: ≤ 1 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Total Resistance 0 – 1 kΩ, Output Range 1 – 5 V
Max. Input Range (1.5 kΩ) ÷ Span (1 kΩ) × 0.01 % = 0.015
%
Max. Output Range (20 V) ÷ Span (4 V) × 0.04 % = 0.2 %
Overall accuracy = 0.015 + 0.2 = ±0.22 %



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com