Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2LPM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2LPM
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2LPM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2LPM Datasheet HTML 1Page - M-System Co.,Ltd. M2LPM Datasheet HTML 2Page - M-System Co.,Ltd. M2LPM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M2LPM
M2LPM SPECIFICATIONS
ES-5054 Rev.5 Page 1/3
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
POTENTIOMETER TRANSMITTER
(field- and PC-configurable)
Functions & Features
• Provides a DC output proportional to a potentiometer or
slidewire position input
• Easy ‘One-Step Cal’ calibration using the front three
control buttons without needing a PC; PC software is also
usable.
• Input range, output type and range are configurable
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2LPM-1[1]-M[2]
ORDERING INFORMATION
• Code number: M2LPM-1[1]-M[2]
Specify a code from below for each [1] and [2].
(e.g. M2LPM-1Z1-M/Q)
• Input range (e.g. 0 – 500 Ω)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01/S01)
INPUT
1: Total resistance 50 Ω – 10 kΩ
(Input range are fully programmable out of the range
specified when ordering by setting up the DIP switch and
using ‘One-Step-Cal’ Calibration. PC Configurator is also
available.)
[1] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V1: Range -2.5 – +2.5 V DC
V2: Range -10 – +10 V DC
Output ranges are fully programmable out of the range
specified when ordering by setting up the DIP switch and
using ‘One-Step-Cal’ Calibration. PC Configurator is also
available.
POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• PC configurator software (model: M2LPMCFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -15 to +115 %
(Negative current output is not provided.)
Zero adjustment: -15 to +15 % (front)
Span adjustment: 85 to 115 % (front)
Burnout protection: Upscale, downscale or no burnout
selectable with DIP switches
Status indicator LED: Tri-color (green/amber/red) LED;
Blinking patterns indicate operation status of the
transmitter.
Configuration
‘One-Step Cal’ calibration: With I/O type and the full-scale
range configured via the side DIP switches, precise 0 % and
100 % ranges are calibrated via the front control buttons
with a help of LED.
PC configurator: Via Windows PC connected to the front


Similar Part No. - M2LPM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2LCS MSYSTEM-M2LCS Datasheet
107Kb / 4P
Super-mini Signal Conditioners Mini-M Series
logo
AG Electronica
M2LED433 AGELECTRONICA-M2LED433 Datasheet
331Kb / 2P
LAMPARAS LED PARA DJI MAVIC 2 PRO/ZOOM
19/12/2018
M2LG540 AGELECTRONICA-M2LG540 Datasheet
241Kb / 2P
TREN DE ATERRIZAJE PARA MAVIC 2 PRO Y ZOOM
21/01/2019
logo
M-System Co.,Ltd.
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2LR MSYSTEM-M2LR Datasheet
110Kb / 3P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2LPM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com