Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3407 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3407
Description  P-Channel Enhancement-ModeMOS FETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3407 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3407 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3407 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3407 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23場效應晶體管(SOT-23Field Effect Transistors)
P
P
P
P-Channel
-Channel
-Channel
-Channel Enhancement-Mode
Enhancement-Mode
Enhancement-Mode
Enhancement-Mode MOS
MOS
MOS
MOS FETs
FETs
FETs
FETs
P
P
P
P 沟道增强型 MOS
MOS
MOS
MOS 场效应管
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS最大額定值
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit
單位
Drain-Source V oltage
漏極-源極電壓
BVDSS
-30
V
Gate- Source V oltage
栅極-源極電壓
VGS
+20
V
Drain Current (continuous)
漏極電流-連續
ID
-4.1
A
Drain Current (pulsed)
漏極電流-脉冲
IDM
-16
A
Total Device Dissipation
總耗散功率
TA
=25℃環境溫度爲 25℃
PD
1400
mW
Junction
結溫
TJ
150
℃
Storage Temperature
儲存溫度
Tstg
-55to+150
℃
LM3407
Rev :
www.leiditech.com
01.06.2017
1/3


Similar Part No. - LM3407

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407 Datasheet
387Kb / 16P
350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
370Kb / 18P
LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
LM3407 TI1-LM3407 Datasheet
427Kb / 13P
Evaluation Board Reference Design
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
Constant Current Output Floating Buck Switching Converter for High Power LEDs
More results

Similar Description - LM3407

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM2321 GSME-GM2321 Datasheet
300Kb / 3P
P-Channel Enhancement-Mode MOS FETs
logo
Zibo Seno Electronic En...
GM6380 ZSELEC-GM6380 Datasheet
344Kb / 3P
N-Channel Enhancement-ModeMOS FETs
logo
Shanghai Leiditech Elec...
LM2302 LEIDITECH-LM2302 Datasheet
385Kb / 3P
N-Channel Enhancement-ModeMOS FETs
LM2305 LEIDITECH-LM2305 Datasheet
502Kb / 3P
P-Channel Enhancement-ModeMOS FETs
LM2306A LEIDITECH-LM2306A Datasheet
696Kb / 4P
N-Channel Enhancement-ModeMOS FET
LM3401 LEIDITECH-LM3401 Datasheet
493Kb / 3P
P-Channel Enhancement-ModeMOS FETs
LM3401A LEIDITECH-LM3401A Datasheet
819Kb / 4P
P-Channel Enhancement-Mode MOS FETs
logo
TECH PUBLIC Electronics...
DMG2301L TECHPUBLIC-DMG2301L Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
FDN302P TECHPUBLIC-FDN302P Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
FDN342P TECHPUBLIC-FDN342P Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com