Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS824 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DS824
Description  Plug-in Signal Conditioners M-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DS824 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DS824 Datasheet HTML 1Page - M-System Co.,Ltd. DS824 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: DS-824
DS-824 SPECIFICATIONS
ES-3251 Rev.2 Page 1/2
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
8-CH. CURRENT LOOP SUPPLY
Functions & Features
• Powering eight 4 – 20 mA DC current loops
• Supplying 24 V DC
• Space-saving 8-channel capacity
• Shortcircuit protection
• Smart transmitter applicable
Typical Applications
• Various two-wire transmitters
8
7
8
7
6
5
4
DS-824
3
2
1
6
5
4
3
2
1
200 (7.87)
24 (.94)
60
(2.36)
mm (inch)
MODEL: DS–824–R
ORDERING INFORMATION
• Code number: (e.g. DS-824-R)
NO. OF CHANNELS
8: 8 points
SUPPLY OUTPUT
24: 24 V DC
POWER INPUT
DC Power
R: 24 V DC
GENERAL SPECIFICATIONS
Construction: Wall-mounted terminal block
Connection: M3.5 screw terminals
Number of loops: 8
SUPPLY OUTPUT
Output voltage: 15 – 21 V DC
= power input – [internal voltage drop + loss at the
receiving resistor]
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 30 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: 4 – 20 mA DC
Input resistance: 250 Ω resistor incorporated
OUTPUT SPECIFICATIONS
■ DC voltage: 1 – 5 V DC
Load resistance: ≥ 250 kΩ
INSTALLATION
Power input
•DC: 24 V DC ±10 % (ripple 10 % p-p max.)
[loop current + approx. 4 mA] per channel
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 380 g (0.84 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % (accuracy of the receiving resistor)
Temp. coefficient: ±0.003 %/°C (±0.002 %/°F) (temp.
coefficient of the receiving resistor)
Line voltage effect to supply output: ±3 % over voltage
range


Similar Part No. - DS824

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
DS8 APEX-ELECTRONICS-DS8 Datasheet
288Kb / 1P
6.0*4.5mm detector switch, manual soldering, normal close
logo
Maxim Integrated Produc...
DS8005 MAXIM-DS8005 Datasheet
341Kb / 20P
Smart Card Intergace
Rev 0; 4/10
DS8005-RRX+ MAXIM-DS8005-RRX+ Datasheet
341Kb / 20P
Smart Card Intergace
Rev 0; 4/10
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
More results

Similar Description - DS824

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com