Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM232SA Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM232SA
Description  Driver input is compatible with TTL/CMOS logic level
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM232SA Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM232SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
参数
符号
测试条件
最小
典型
最大
单位
无负载供电电流
Isup
5
10
mA
(如无另外说明,典型值在 VCC=+5V,Temp=25℃,电容 C1~C4=1uF 测得)
参数
符号
测试条件
最小
典型
最大
单位
逻辑控制低电平
VTTIN_L
T1IN、T2IN 端口
0.8
V
逻辑控制高电平
VTTIN_H
T1IN、T2IN 端口
2
V
逻辑控制迟滞
T1IN、T2IN 端口
0.3
V
输入逻辑电流
ITIN
T1IN、T2IN 端口
±1
±10
uA
(如无另外说明,典型值在 VCC=+5V,Temp=25℃,电容 C1~C4=1uF 测得)
参数
符号
测试条件
最小
典型
最大
单位
接收器输出低电平
VROL
IOUT=3.2mA,
0.4
V
接收器输出高电平
VROH
IOUT=-1mA,
3.5
V
(如无另外说明,典型值在 VCC=+5V,Temp=25℃,电容 C1~C4=1uF 测得)
供电电流
逻辑输入电学特性
接收器输出电特性
LM232SA
5V 单电源供电 双通道 RS232收发器
Rev :
www.leiditech.com
01.06.2018
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com