Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM232SA Datasheet(PDF) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM232SA
Description  Driver input is compatible with TTL/CMOS logic level
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM232SA Datasheet(HTML) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM232SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
定购代码
温度
封装
LM232SA
-40℃~85℃
SOP-16
编带式包装为 2500 颗/盘
定购信息
LM232SA
5V 单电源供电 双通道 RS232收发器
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
10/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com