Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JTY2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # JTY2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JTY2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  JTY2 Datasheet HTML 1Page - M-System Co.,Ltd. JTY2 Datasheet HTML 2Page - M-System Co.,Ltd. JTY2 Datasheet HTML 3Page - M-System Co.,Ltd. JTY2 Datasheet HTML 4Page - M-System Co.,Ltd. JTY2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: JTY2
JTY2 SPECIFICATIONS
ES-1573 Rev.8 Page 3/5
http://www.m-system.co.jp/
Detecting level: 0 – 5 V
(Readjustment is required to match the duty ratio after the
pulse amplitude have been changed.)
Detecting pulse state: The input resistor (100 Ω) converts
the current signal into 0 – 2.5 V. A pulse rise detected when
the voltage goes above the detecting level (input monitor
LED ON); a pulse sink detected when it goes below the level
(LED OFF).
50V
max.
Amplitude
Vin p-p
t
Volts
DC Offset
■ Voltage pulse waveform
25mA
max.
Amplitude
mA p-p
t
Amps.
DC Offset
■ Two-wire current pulse waveform
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
■ Alarm Output: Relay contact
Rated load: 125 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 62.5 VA or 60 W
Minimum load: 10 mV DC @ 1 mA
Mechanical life: 5 × 107 cycles (300 cycles/minute)
For maximum relay life with inductive loads, external
protection is recommended.
INSTALLATION
Power input
•AC: Operational voltage range 85 – 132 V,
47 – 66 Hz, approx. 6 VA
•DC: Operational voltage range: Rating ±10 %, or 85 – 150
V for 110 V rating; ripple 10 %p-p max.; Approx. 3.3 W (130
mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.25 %
Alarm setpoint accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: 0.5 sec. + 1 pulse cycle (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
2000 V AC @ 1 minute (input to output to power)
1500 V AC @ 1 minute (input or output or power to alarm
output)
2000 V AC @ 1 minute (circuit to ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com