Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JTY2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # JTY2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JTY2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  JTY2 Datasheet HTML 1Page - M-System Co.,Ltd. JTY2 Datasheet HTML 2Page - M-System Co.,Ltd. JTY2 Datasheet HTML 3Page - M-System Co.,Ltd. JTY2 Datasheet HTML 4Page - M-System Co.,Ltd. JTY2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: JTY2
JTY2 SPECIFICATIONS
ES-1573 Rev.8 Page 4/5
http://www.m-system.co.jp/
EXTERNAL VIEW
3
2
1
2
3
4
5
6
ON
Span Adj.
Detecting Level Adj.
Detecting Level Adj. Pin
Pulse Amplitude Selector
Input Type Selector
Zero Adj.
Sensor Excitation Adj.
Modular Jack
Input Monitor LED PL1
Refer to the instruction manual for detailed procedures.
INPUT PULSE LOGIC
H
L
H
L
OFF
ON
OFF
ON
INPUT TYPE
Voltage pulse
Two-wire current pulse
ON current (H)
OFF current (L)
Open collector
The pulse logic is applied to the bold lined section of the waveform.
PULSE LOGIC
Non-inverted
Inverted
Non-inverted
Inverted
WAVEFORM
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com