Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JTY2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JTY2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JTY2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JTY2 Datasheet HTML 1Page - M-System Co.,Ltd. JTY2 Datasheet HTML 2Page - M-System Co.,Ltd. JTY2 Datasheet HTML 3Page - M-System Co.,Ltd. JTY2 Datasheet HTML 4Page - M-System Co.,Ltd. JTY2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: JTY2
JTY2 SPECIFICATIONS
ES-1573 Rev.8 Page 2/5
http://www.m-system.co.jp/
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to DC output to alarm output to power
Overrange output: Approx. -15 to +115 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Alarm mode: High or Low
Alarm setpoint: -15 – +115 %
Alarm deadband: 0 – 20 %
Linearization: Max. 16 points
Input monitor LED: Red LED blinks according to the input.
Excitation adjustment: 5 – 24 V DC
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Input zero and span duty ratio
• No input detecting time
• Moving average
• Alarm setpoint
• Output fine adjustment
• Linearization
• Others
Adjustments: With DIP and Rotary switches.
• Pulse amplitude
• Input type
(Refer to the instruction manual for details)
Modular jack: Connecting the PU-2x
Input pulse sensing: DC coupled
No input detecting: The output forced to 0 % or 100 % when
no input is provided for a preset time period.
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 440 mA (max.) at
shortcircuit
Frequency: 0.1 – 1000 Hz
(max. 500 Hz for open collector input)
Duty ratio range: 1 – 99 % (including 0 and 100 %)
Minimum span: 20 % (span duty ratio – zero duty ratio)
■ Open Collector
Input requirements:
(Excitation: Sensing)
5 V: Approx. 4 V / 1.0 mA
12 V: Approx. 9 V / 2.3 mA
24 V: Approx. 16 V / 4.7 mA
ON resistance: ≤ 200 Ω
OFF resistance: ≥ 200 kΩ
Detecting level: 0 – 5 V
(Readjustment is required to match the duty ratio after the
sensor excitation, the pulse amplitude have been changed.)
Detecting pulse edge: OFF (input monitor LED ON) to ON
(LED OFF) and ON to OFF
■ Voltage Pulse
Waveform: Square
Input impedance: 10 kΩ min.
Pulse amplitude: 0.1 – 100 Vp-p
Max. voltage between input terminals: 50 V
Detecting level: 0 – 5
(Readjustment is required to match the duty ratio after the
pulse amplitude have been changed.)
Detecting pulse state: A pulse rise detected when the input
voltage goes above the detecting level (input monitor LED
ON); a pulse sink detected when it goes below the level
(LED OFF).
■ Two-wire Current Pulse
Waveform: Square
Input resistance: Receiving resistor 100 Ω
Input range: 0 – 25 mA
Minimum pulse amplitude: 10 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com