Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPS3 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # JPS3
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPS3 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  JPS3 Datasheet HTML 1Page - M-System Co.,Ltd. JPS3 Datasheet HTML 2Page - M-System Co.,Ltd. JPS3 Datasheet HTML 3Page - M-System Co.,Ltd. JPS3 Datasheet HTML 4Page - M-System Co.,Ltd. JPS3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: JPS3
JPS3 SPECIFICATIONS
ES-1575 Rev.9 Page 3/5
http://www.m-system.co.jp/
OUTPUT PULSE WIDTH
• No conversion to one-shot: Duty ratio approx. 50 %;
Internal digital computation calculates the pulse width.
• One-shot Output: Preset pulse width ±20 %
Optional pulse width: 30 μsec. – 300 msec.
INSTALLATION
Power input
•AC: Operational voltage range 85 – 132 V,
47 – 66 Hz, approx. 6 VA
•DC: Operational voltage range: Rating ±10 %, or 85 – 150
V for 110 V rating; ripple 10 %p-p max.; Approx. 3.3 W (140
mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE
Response time: Sampling time + 50 msec.
The response time equals the interval between the first
input pulse and the first output pulse.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input 1 or input
2 to output to power to ground)
EXTERNAL VIEW
This unit is programmed and calibrated at the factory according to the Ordering Information Sheet.
Please refer to the instruction manual for the model under “Software Setting” when you need to modify certain specifications.
DO NOT change setting of unused switches and adjusters.
3
2
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Output Voltage Adj.
Unused
Unused
Unused
One-shot Pulse
Width Adj.
Input Type Selectors
Input Monitor LED (PL2)
Modular Jack
Output Monitor LED
Input Monitor LED (PL1)
1
2
3
4
5
6
7
8
ON
SW1
SW2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com