Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPS3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JPS3
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPS3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JPS3 Datasheet HTML 1Page - M-System Co.,Ltd. JPS3 Datasheet HTML 2Page - M-System Co.,Ltd. JPS3 Datasheet HTML 3Page - M-System Co.,Ltd. JPS3 Datasheet HTML 4Page - M-System Co.,Ltd. JPS3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: JPS3
JPS3 SPECIFICATIONS
ES-1575 Rev.9 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PULSE ADDER
(field-programmable)
Functions & Features
• Adds two pulse inputs (counts number of pulses) and
converts the pulse rate into convenient engineering unit for
display on a totalizing counter or meter
• Various outputs (open collector, voltage pulse, noncontact
AC/DC switch, RS-422 line driver pulse)
• Scaling factor is user-programmable by simply setting
input and output frequencies via handheld programmer PU-
2x
• Output frequency limiter ensures minimum pulse width
Typical Applications
• Positive displacement flowmeters or turbine flowmeters
• Adding flow pulse signals from blender
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: JPS3-[1][2][3][4]-[5][6]
ORDERING INFORMATION
• Code number: JPS3-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. JPS3-AP1N-K/Q)
• Use Ordering Information Sheet (No. ESU-1575). Default
setting will be used if not otherwise specified.
Factory default setting
Noise filter: None
Input pulse set count: 1
Output pulse set count: 1
Sampling time: 0.1 sec.
Max. output frequency: 10 Hz
One shot output: 50 msec.
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT 1 & 2
A: Open collector
A2: Mechanical contact
B: Voltage pulse (Specify sensitivity)
H: Two-wire current pulse (Specify sensitivity)
[2] OUTPUT
A: Open collector (max. 100 kHz)
M: 5 V pulse (max. 100 kHz)
N: 12 V pulse (max. 100 kHz)
P: 24 V pulse (max. 100 kHz)
J: RS-422 line driver pulse (max. 100 kHz)
R: Noncontact AC/DC switch (max. 20 Hz)
( ) = Max. frequency
[3] OUTPUT PULSE WIDTH
1: No conversion to one-shot
3: One-shot output (std. pulse width 50 msec.)
(Specify when optional pulse width is required.)
[4] OUTPUT LOGIC (both Input 1 & 2)
N: The same as the input
R: Inverted
[5] POWER INPUT
AC Power
K: 85 – 132 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[6] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
CAUTION
This unit is not designed to output uniform pulses even
when the input wave is uniform. It is not applicable to
certain types of application.


Similar Part No. - JPS3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JPS350PQ41 XPPOWER-JPS350PQ41 Datasheet
481Kb / 4P
AC-DC Power Supplies
JPS350PQ46 XPPOWER-JPS350PQ46 Datasheet
481Kb / 4P
AC-DC Power Supplies
JPS350PQ47 XPPOWER-JPS350PQ47 Datasheet
481Kb / 4P
AC-DC Power Supplies
JPS350PQ48 XPPOWER-JPS350PQ48 Datasheet
481Kb / 4P
AC-DC Power Supplies
JPS350PS05C XPPOWER-JPS350PS05C Datasheet
481Kb / 4P
AC-DC Power Supplies
More results

Similar Description - JPS3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com