Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPS3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JPS3
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPS3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JPS3 Datasheet HTML 1Page - M-System Co.,Ltd. JPS3 Datasheet HTML 2Page - M-System Co.,Ltd. JPS3 Datasheet HTML 3Page - M-System Co.,Ltd. JPS3 Datasheet HTML 4Page - M-System Co.,Ltd. JPS3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: JPS3
JPS3 SPECIFICATIONS
ES-1575 Rev.9 Page 2/5
http://www.m-system.co.jp/
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input 1 or input 2 to output to power
Input monitor LED: Red LED blinks according to the input.
Output monitor: Red LED blinks according to the output.
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Input and output pulse set count (frequency)
• Sampling time
• Others
Adjustments: With DIP switches.
• Noise filter
(Refer to the instruction manual for details)
Sampling time: 0.01 – 100 sec.
Buffer counter capacity: 4 294 967 295 counts (reset to 0
when the power is lost)
Input pulse sensing: DC coupled
INPUT SPECIFICATIONS
Max. frequency: 100 kHz
(10 Hz for mechanical contact input)
Minimum pulse width time requirement: 5 μsec.; 50 msec.
for mechanical contact (for both ON and OFF)
■ Open Collector & Mechanical Contact
Sensing voltage/current: 12 V DC @ 2.3 mA
Detecting level: 2 V
(Detecting voltage in the internal circuit.)
Detecting pulse state: ON (input monitor LED OFF) and OFF
(LED ON) detected
■ Voltage Pulse
Specify DC offset and pulse amplitude when ordering.
Waveform: Square or sine
Input impedance: 10 kΩ minimum
Pulse amplitude: 0.1 – 100 Vp-p (square)
1 – 100 Vp-p (sine or similar)
Max. voltage between input terminals: 50 V
Detecting pulse state: Pulse rise detected when the input
voltage goes above the detecting level (input monitor LED
ON); pulse sink detected when it goes below the level (LED
OFF).
■ Two-wire Current Pulse
Specify DC offset and pulse amplitude when ordering.
Input resistance: Receiving resistor 100 Ω
Input range: 0 – 25 mA
Minimum pulse amplitude: 10 mA
Detecting level: 0 – 5 V
Detecting pulse state: The input resistor (100 Ω) converts
the current signal into 0 – 2.5 V. Pulse rise detected when
the voltage goes above the detecting level (input monitor
LED ON); pulse sink detected when it goes below the level
(LED OFF).
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
■ Voltage pulse waveform
OUTPUT SPECIFICATIONS
Output pulse: [No. of input pulse 1 + 2] × scaling factor
(scaling factor = output pulse set count / input pulse set
count)
Scalable range: 1/1 000 000 to 1 000 000
■ Open Collector: 50 V DC @ 50 mA (resistive load)
Saturation voltage: 0.6 V DC
Maximum frequency: 100 kHz
■ Voltage Pulse
H level: Rating (5, 12 or 24 V) ±10 %
L level: ≤ 0.5 V
Load resistance: ≥ 1 kΩ (5 V), ≥ 2.4 kΩ (12 V),
≥ 4.8 kΩ (24 V)
Maximum frequency: 100 kHz
■ Noncontact AC/DC Switch: 120 V AC or 120 V DC @200
mA (resistive load)
ON resistance: 3 Ω
Maximum frequency: 20 Hz
Rise time: 5 msec.
Sink time: 3 msec.
■ RS-422 Line Driver Pulse
Transmitter: Conforms to RS-422
Maximum frequency: 100 kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com