Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JB2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # JB2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JB2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  JB2 Datasheet HTML 1Page - M-System Co.,Ltd. JB2 Datasheet HTML 2Page - M-System Co.,Ltd. JB2 Datasheet HTML 3Page - M-System Co.,Ltd. JB2 Datasheet HTML 4Page - M-System Co.,Ltd. JB2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: JB2
JB2 SPECIFICATIONS
ES-2642 Rev.5 Page 3/5
http://www.m-system.co.jp/
to the same value as the CAS control signal, and turns on to
CAS control mode. The response time constant can be
set/changed with the PU-2x.
If the external command contact is closed during the
transition, the JB2 output holds the signal of this moment
and turns on to MAN control mode.
■ JB2 ACTIONS AT POWER RECOVERY
The actions at power recovery can be switched by actions
and settings at the moment of power failure.
a) MAN command status is OFF at recovery.
CAS mode
b) MAN command status is ON at recovery.
• Output value after power on is “FIXED VALUE”.
Manual control starts with fixed output value.
• Output value after power on is “HOLD VALUE”.
Manual control starts with output value at the moment of
power failure.
(Approx. 0.3 second is required to switch from CAS to MAN
when the power supply is recovered. Refer to the
instruction manual.)
■ DIFFERENCE BETWEEN JB AND JB2/A
Means to back up the output value is different.
• JB: STATIC RAM (A large capacitance capacitor holds the
value until the capacitor is discharged.)
• JB2: E2PROM (Output value is stored at E2PROM and held
until the next rewrite.)
Therefore, the output value at power recovery during “MAN”
control mode is as shown below.
• JB: When recovering within the memory time, JB outputs
the value at the moment of power failure.
When recovering without the memory time, JB outputs the
fixed value.
• JB2/A: The output value at power recovery is selectable,
whether the value at the moment of power failure or the
fixed value.
■ COMPATIBILITY BETWEEN JB2 AND JB2/A
For JB2/A, the operation at power recovery is selectable.
When JB2 (without “/A”) is replaced with JB2/A compatibly,
set JB2/A according to the instruction manual.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com