Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JB2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JB2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JB2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JB2 Datasheet HTML 1Page - M-System Co.,Ltd. JB2 Datasheet HTML 2Page - M-System Co.,Ltd. JB2 Datasheet HTML 3Page - M-System Co.,Ltd. JB2 Datasheet HTML 4Page - M-System Co.,Ltd. JB2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: JB2
JB2 SPECIFICATIONS
ES-2642 Rev.5 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
ANALOG BACKUP STATION
Functions & Features
• Enables manual loading providing hold/increase/ decrease
signals to a device controlled by PID controller
• When the PID controller fails, the JB2 output goes back the
preset time period and holds the cascade control signal of
that moment (Retroactive function)
• Cascade control loop does not open even when the JB2
itself fails
• Manual control output transits smoothly to the cascade
control mode in the preset response time (Sliding-back
function)
• Isolated re-transmitted output
• Parameters set via hand-held programmer PU-2x
• Can be driven on battery power supply (35 V DC max.)
Typical Applications
• Backup hold/manual loading for the DCS or computer
control output failure
72
(2.83)
80
(3.15)
136
(5.35)
mm (inch)
MODEL: JB2–AAA–R1/A[1]
ORDERING INFORMATION
• Code number: JB2-AAA-R1/A[1]
Specify a code from below for [1].
(e.g. JB2-AAA-R1/A/Q)
• Use Ordering Information Sheet (No. ESU-2642) to specify
details of the backup operation mode.
Factory setting (table below) will be used if not otherwise
specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Manual control mode
1
Man/cas transition response
0.00
Up/down response mode
0
Up/down response time
10.00
High/low alarm mode at cas control
0
Low alarm setpoint
-25.00
High alarm setpoint
125.00
Retroactive time period
0.0
Initial manual control value
0.00
Output after power recovery in
manual control mode
-25.00
Output value after power recovery
0
CAS INPUT
Current
A: 4 – 20 mA DC
MV OUTPUT
Current
A: 4 – 20 mA DC
RE-TRANSMITTED OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
POWER INPUT
DC Power
R1: 15 – 35 V DC
(Operational voltage range 15 – 35 V, ripple 10 %p-p max.)
OUTPUT SELECTABLE AFTER POWER RECOVERY
/A: With
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel


Similar Part No. - JB2

ManufacturerPart #DatasheetDescription
logo
Japan Automatic Machine...
JB20-02HG JAM-JB20-02HG Datasheet
306Kb / 3P
2 Position Housing Connector Crimp 24-30 AWG
JB20-02HG JAM-JB20-02HG Datasheet
43Kb / 1P
HARNESS JB CONNECTOR, TOP
JB20-02HG JAM-JB20-02HG Datasheet
43Kb / 1P
HARNESS JB CONNECTOR, SIDE
JB20-03HG JAM-JB20-03HG Datasheet
306Kb / 3P
2 Position Housing Connector Crimp 24-30 AWG
JB20-03HG JAM-JB20-03HG Datasheet
43Kb / 1P
HARNESS JB CONNECTOR, TOP
More results

Similar Description - JB2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com