Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JB2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JB2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JB2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JB2 Datasheet HTML 1Page - M-System Co.,Ltd. JB2 Datasheet HTML 2Page - M-System Co.,Ltd. JB2 Datasheet HTML 3Page - M-System Co.,Ltd. JB2 Datasheet HTML 4Page - M-System Co.,Ltd. JB2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: JB2
JB2 SPECIFICATIONS
ES-2642 Rev.5 Page 2/5
http://www.m-system.co.jp/
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: CAS input or MV output to contact input or power
to re-transmitted output to contact output
Zero adjustment: -5 to +5 % (front)
Span adjustment: 98 to 102 % (front)
Indicator LED: RUN output (green), MAN status output (red),
UP command (red), DOWN command (red), MAN command
(red)
Programming: Programming Unit (model: PU-2x); Sliding-
back response time, UP-DOWN response time, alarm, etc.
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
Alarm output: RUN contact turns off when the high/low
alarm for the CAS input trips.
INPUT SPECIFICATIONS
■ CAS Input: 4 – 20 mA DC
Input resistance: 25 Ω in manual control mode
■ Contact Input: MAN control command and UP/DOWN
command
Sensing: 5 V DC @ 3 mA
Detection levels
ON resistance: ≤ 200 Ω, ≤ 0.80 V
OFF resistance: ≥ 100 kΩ, ≥ 4.95 V
OUTPUT SPECIFICATIONS
■ MAN Output: 4 – 20 mA DC
Load resistance
• CAS control mode: Allowable load for CAS signal minus
50 Ω
• MAN control mode: 0 – 750 Ω
■ Relay Output: MAN status and RUN output;
120 V AC @ 1 A or 24 V DC @ 1 A
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 120 VA or 24 W
Minimum load: 5 V DC @100 mA
Mechanical life: 2 × 107 cycles
INSTALLATION
Current consumption
CAS mode: Approx. 120 mA at 24 V
MAN mode: Approx. 180 mA at 24 V
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Alarm setting accuracy: ±0.5 %
Re-transmitted output accuracy: ±0.4 %
CAS to MAN or MAN to CAS switching accuracy: ±0.5 %
MV output terminal is open during the time switching the
internal relay (≤ 10 msec.) when turning CAS to MAN or
MAN to CAS mode.
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Re-transmitted output response time: ≤ 20 msec.
Output memory at power OFF: E2PROM (non-volatile
memory)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute (CAS input or MV
output to contact input or power to retransmitted output to
contact output)
1500 V AC @ 1 minute (CAS input or MV output or contact
input or power or re-transmitted output or contact output to
ground)
OPERATING MODES
■ CASCADE CONTROL MODE
The JB2 allows the CAS input (cascade control signal) from
the PID controller to pass through at the MV output
terminals.
■ MANUAL CONTROL MODE
When the external MAN command contact is closed, the JB2
turns on to manual control mode. Actual output signal is
determined by following three operation modes:
MODE 1: Holds the CAS control signal at the moment of the
MAN command.
MODE 2: Goes back the preset time period and hold the
CAS control signal at that moment.
MODE 3: Holds a specific value preset by the Programming
Unit (PU-2x).
In this mode, the output can be manipulated with external
UP or DOWN commands.
When the MAN command contact is opened, the CAS control
signal is recovered with smooth transition.
■ TRANSITION FROM MAN TO CAS CONTROL MODE
The JB2 increases/decreases the MV output until it reaches



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com