Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5998YC Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5998YC
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998YC Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5998YC Datasheet HTML 1Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 2Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 3Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 4Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 5Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 6Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 7Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 8Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 4 of 10
15
5
0
0
5
10
15
20
25
30
35
40
10
20
25
30
Pin (dBm)
VCE = 3.6 V
Icq = 20 mA
f = 0.5 GHz
Pout
PG
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
Pin (dBm)
VCE = 4.5 V
Icq = 20 mA
f = 0.5 GHz
Pout
PG
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
30
0
20
40
60
80
100
Ic op
Pin (dBm)
PAE
Pin vs. Pout, PG
Pin vs. Pout, PG
Operation Current, Power Added Efficiency
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
30
0
20
40
60
80
100
Ic op
Pin (dBm)
PAE
Operation Current, Power Added Efficiency
VCE = 4.5 V
Icq = 20 mA
f = 0.5 GHz
Pin (dBm)
-20
-10
0
10
20
30
40
-30
-20
-10
010
20
30
Harmonic Distortion
Pin (dBm)
-20
-10
0
10
20
30
40
-30
-20
-10
010
20
30
Harmonic Distortion
VCE = 4.5 V
Icq = 20 mA
f = 0.5 GHz
2nd HD
3rd HD
Fund
VCE = 3.6 V
Icq = 20 mA
f = 0.5 GHz
VCE = 3.6 V
Icq = 20 mA
f = 0.5 GHz
Fund
2nd HD
3rd HD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com