Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5998YC Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5998YC
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998YC Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5998YC Datasheet HTML 1Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 2Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 3Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 4Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 5Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 6Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 7Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 8Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 3 of 10
0
12
8
6
4
2
Collector Current IC (mA)
Transition Frequency vs.
Collector Current
1.5
1.0
0.5
01
2
3
5
IE = 0
f = 1 MHz
2.0
Collector to Base Voltage VCB (V)
Reverse Transfer Capacitance vs.
Collector to Base Voltage
3.0
1.0
01
2
3
5
IE = 0
f = 1 MHz
4.0
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
2.0
4
4
10
1
10
100
1000
40
30
20
10
0
0.1
1
10
VCE = 3.6 V
IC = 100 mA
Frequency f (GHz)
S21 Parameter, Maximum Available Gain,
Maximum Stable Gain vs. Frequency
f = 1 GHz
VCE = 3.6 V
MAG
MSG
|S21|2
0
5
10
15
20
25
Collector Current IC (mA)
Maximum Available Gain, Maximum Stable Gain
vs. Collector Current
1
10
100
1000
f = 0.5 GHz
1 GHz
2 GHz
3 GHz
VCE = 3.6 V
MAG
MSG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com