Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5998YC Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5998YC
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998YC Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5998YC Datasheet HTML 1Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 2Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 3Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 4Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 5Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 6Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 7Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 8Page - Renesas Technology Corp 2SC5998YC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 2 of 10
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
DC current transfer ratio
hFE
110
150
190
VCE = 3 V, IC = 100 mA
Collector output capacitance
Cob
2.0
pF
VCB = 3 V, IE = 0, f = 1 MHz
Reverse Transfer Capacitance
Cre
0.95
1.5
pF
VCB = 3 V, f = 1 MHz,
Emitter grounded
Transition Frequency
fT
10.5
GHz
VCE = 3.6 V, IC = 100 mA,
f = 1 GHz
Maximum Available Gain
MAG
22
dB
VCE = 3.6 V, IC = 100 mA,
f = 0.5 GHz
Power Gain
PG
11
13
dB
VCE = 3.6 V, ICq = 20 mA,
f = 0.5 GHz, Pin = +16 dBm
1dB Compression Point at output
P1dB
28
dBm
VCE = 3.6 V, ICq = 20 mA,
f = 0.5 GHz
Power Added Efficiency
PAE
70
%
VCE = 3.6 V, ICq =20 mA,
f = 0.5 GHz, Pin = +16 dBm
Main Characteristics
500
400
300
200
100
0
0.2
0.4
0.6
0.8
1.0
VCE = 3 V
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
0
50
100
150
200
Collector Power Dissipation Curve
Ambient Temperature Ta (
°C)
1.0
0.8
0.6
0.4
0.2
500
400
300
200
100
12
3
4
5
0
3.0 mA
2.5 mA
2.0 mA
3.5 mA
4.0 mA
1.5 mA
1.0 mA
IB = 0.5 mA
100
0
1
10
1000
150
200
50
VCE = 3 V
100
*FR – 4 (25 x 30 x 1 mm)
on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com