Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD24 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD24
Description  Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD24 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
LEDD24_24 – Rev. 2018-1.3
Specifications subject to change without notice.
LEDD24_24 Series
Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
Digital dimming control
Analogue dimming control and application sample
Where, Io_set represents required output current (mA); D represents the
duty ratio (%) of PWM signal; T represents the period (ms) of PWM sig-
nal; and Io_norm represents the rated output value (mA) of the driver.
Note: The above formula is for reference only; and deviation of output
current may exist due to various loads. The min. conducted time of PWM
signal shall not be less than 0.75ms, or the product will be in abnormal
operation; in case of low voice from the driver during PWM dimming, it
is normal since the PWM dimming frequency is within the auditory fre-
quency range of human ears (20Hz-20KHz in general). To prevent seeing
flash of the LED by human eyes, it is suggested to set the PWM dimming
frequency between 100-200Hz.
The voltage drop of all LEDs in the datasheet is 3.3-3.8V)during actual
application, the number of LEDs can be confirmed based on the actual
voltage drop and output voltage of LEDs.
This product does not support hot-Plug use.
Analogue dimming circuit
Analogue input voltage vs. output
LEDD24_24-1200
LEDD124_24-1000
LEDD24_24-1200
LEDD24_24-1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com