Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD24 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD24
Description  Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD24 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 5
LEDD24_24 – Rev. 2018-1.3
Specifications subject to change without notice.
LEDD24_24 Series
Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
High efficiency up to 97%
Short Circuit Protection (SCP)
Output current: Max 1200mA
Ultra wide range of voltage
(input and output)
Constant current mode, high
power output
PWM dimming & Analogue
dimming
Switching-on/off control
function
Built-in EMI filter circuit, meet
EN55015 standards
LED Driver
The LEDD24_24 is a step-down constant current sources for driving high-power
LED featured in high efficiency and wide range of input voltage, high
operating temperature, and act in PWM dimming, analogue dimming and
remote turn-off.
The product can be widely applied to fields such as landscape lighting, specially-
controlled lighting, backlight, business lighting, street lamp lighting, domestic
lighting and automobile lighting.
PWM dimming and ON/OFF control
Item
Test condition
Min
Typ
Max
Units
Remote ON/OFF
(Vin=5.5~48V)
ON
OFF (shutdown)
Open or 2.8V<Vc<6V
Vc<0.6V
PWM dimming Pin
suspended voltage
Vin=24V, 5LED
3.3
V
PWM dimming Pin
Isink
Vc=5V
1
mA
PWM dimming Pin
Isourse
Vc <0.6V
1
µA
Turn-off-mode
Static Input Current
Vin=24V, Vc <0.6V
400
µA
PWM dimming
frequency*
200
Hz
*Refer to “Digital Dimming Control” on page 4.
Analogue dimming
Item
Test condition
Min
Typ
Max
Units
Input voltage range Vin=5.5-48V
15
V
Output current
range
Vin=5.5-48V
100
%
Control voltage
range
Full on
Full off
0.2V±50mV
4.5V±200mV
Driving current
Vc=5V
0.6
mA
Specifications
Item
Operating condition
Min
Typ
Max
Units
Input voltage limit
≤10 seconds
5
55
VDC
Input voltage range
5.5
24
48
VDC
Input filter
Pi Filter
Min. input-output
voltage drop
Input voltage range
2
4
VDC
Output power
• Io=1000mA
• Io=1200mA
3.3
3.96
36
43.2
W
W
Output current
accuracy
±3
±5
%
Output current
stability
±0.5
±1
%
Temperature drift
coefficient
Vin=48V,Vo=10LEDs
±0.05
%/°C
Ripple & Noise*
20MHz bandwith
70
200
mVp-p
Over temperature
protection
Self-recovery after
cooling
Short circuit
protection
Continuous,
automatic recovery
Operating tempera-
ture range
Derating if the tem-
perature ≥71°C (see
typical characteristics)
-40
85
°C
Storage tempera-
ture range
-55
125
°C
Storage humidity
95
%RH
Cooling method
Free air convection
Lead temperature
Welding spot is 1.5mm
away from the casing,
10 seconds
265
°C
Switching fre-
quency
370
kHz
MTBF
MIL-HDBK-217F (+25°C)
K hours
Case Material
Epoxy Resin (UL94-V0)
Dimensions
31.70*20.30*12.65
mm
Weight
13
g
*Ripple and noise tested with “parallel cable” method, please see DC-DC
Converter Application Notes for specific operation methods.
Model selection:
LEDC_xx-###
LED=Type; C=Case; yy=Vin; ###= Output Current
Example:
LEDD24_24-1000
LED= Series D24= DIP24; yy= 24VDC nominal; 1000= 1A
EMC specifications
EMI
Conducted
disturbance
CISPR22/EN55022
EN55015 power port
CLASS B
EMI
Radiated emission
CISPR22/EN55022
CLASS B
EMS
Electrostatic
Discharge
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
EMS
Radiation Immunity IEC/EN61000-4-3
10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
(see recommended circuit)
EMS
Surge Immunity
IEC/EN61000-4-5
±2KV
perf. Criteria B
(see recommended circuit)
EMS
Conducted Distur-
bance Immunity
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short
and interruptions
immunity
IEC/EN61000-4-29 0%-70%
perf. Criteria B


Similar Part No. - LEDD24

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD24 GAPTEC-LEDD24 Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDD24 GAPTEC-LEDD24 Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDD24-24-A GAPTEC-LEDD24-24-A Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDD24-24-P GAPTEC-LEDD24-24-P Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDD24_24-1000A GAPTEC-LEDD24_24-1000A Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
More results

Similar Description - LEDD24

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-A GAPTEC-LEDD10-24-A Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD16 GAPTEC-LEDD16 Datasheet
2Mb / 6P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD24-24-A GAPTEC-LEDD24-24-A Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDD24-24-P GAPTEC-LEDD24-24-P Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDT16 GAPTEC-LEDT16 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10-24-A GAPTEC-LEDW10-24-A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10-24-P GAPTEC-LEDW10-24-P Datasheet
1Mb / 5P
Constant current power LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com