Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD24 Datasheet(PDF) 5 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD24
Description  Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD24 Datasheet(HTML) 5 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 5 of 5
LEDD24_24 – Rev. 2018-1.3
Specifications subject to change without notice.
LEDD24_24 Series
Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
Mechanical dimensions
Note:
1. If the product is not operated within the required load range, the product
perfor-
mance cannot be guaranteed to comply with all parame-
ters in the datasheet;
2. The maximum capacitive load offered were tested at nominal input voltage
and
full load;
3. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta=25°C, humidity<75% with nominal input voltage
and rated
output load;
4. All index testing methods are based on our Company’s corporate standards;
5. We can provide product customization service;
6. Specifications are subject to change without prior notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com