Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # KSE
Description  Plug-in Signal Conditioners K-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KSE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  KSE Datasheet HTML 1Page - M-System Co.,Ltd. KSE Datasheet HTML 2Page - M-System Co.,Ltd. KSE Datasheet HTML 3Page - M-System Co.,Ltd. KSE Datasheet HTML 4Page - M-System Co.,Ltd. KSE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: KSE
KSE SPECIFICATIONS
ES-3609 Rev.9 Page 3/5
https://www.m-system.co.jp/
EXTERNAL VIEW
Hi Monitor LED
Hi Setpoint Adj. Dial
100
50
%
0
Lo Monitor LED
Hi Setpoint Adj. Dial
Lo Setpoint Adj. Dial
Hi Monitor LED
100
50
%
SET1
0
100
50
%
SET2
0
■ KSE-x1
■ KSE-x2
EXTERNAL DIMENSIONS unit: mm [inch]
3
4
5
6
2
1
8
7
50 (1.97)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
•When mounting, no extra space is needed between units.
116 (4.57)
136 (5.35)
50 (1.97)
116 (4.57)
145 (5.71)
•When mounting, no extra space is needed between units.
5
6
7
8
2
1
11
10
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
3
9
4
■ KSE-x1
■ KSE-x2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com