Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KSE
Description  Plug-in Signal Conditioners K-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KSE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KSE Datasheet HTML 1Page - M-System Co.,Ltd. KSE Datasheet HTML 2Page - M-System Co.,Ltd. KSE Datasheet HTML 3Page - M-System Co.,Ltd. KSE Datasheet HTML 4Page - M-System Co.,Ltd. KSE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: KSE
KSE SPECIFICATIONS
ES-3609 Rev.9 Page 1/5
https://www.m-system.co.jp/
Plug-in Signal Conditioners K-UNIT
DC ALARM
(dial adjustment)
Functions & Features
• Providing SPDT relay outputs at preset DC input levels
• Single or Dual (Hi/Lo) trip
• Large dial setpoint adjustments
Typical Applications
• Various alarm applications
100
50
%
SET1
0
100
50
%
SET2
0
KSE
Model
K
-UNIT
50
(1.97)
145*
(5.71)
80
(3.15)
mm (inch)
*136 (5.35) for KSE–x1
MODEL: KSE–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: KSE-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. KSE-A2-K3/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 500 kΩ min.)
[2] OUTPUT
1: Single trip (Hi)
2: Dual trip (Hi/Lo)
[3] POWER INPUT
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
L3: 200 – 240 V AC
(Operational voltage range 180 – 264 V, 47 – 66 Hz)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Setpoint adjustments: Dials (front), -15 – +120 %
independently; Scales at the front are for approximate
aim only. Simulate input signals, confirm relay operation
and set.
Hysteresis (deadband): Approx. 1 %
Front LEDs: Red LED turns on when the coil is energized.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
OUTPUT SPECIFICATIONS
■ Relay Contact: 120 V AC @1 A (cos ø = 1)
(Limited within 0.5 A to conform with EU Directive)
240 V AC @0.5 A (cos ø = 1)
(Limited within 0.5 A to conform with EU Directive)
30 V DC @1 A (resistive load)
(Limited within 0.5 A to conform with EU Directive)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @10 mA
Mechanical life: 5 × 107 cycles


Similar Part No. - KSE

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
Low Profile Tact Switch
KSE CK-COMPONENTS-KSE Datasheet
193Kb / 2P
Low Profile Tact Switch
logo
Fairchild Semiconductor
KSE13001 FAIRCHILD-KSE13001 Datasheet
43Kb / 4P
Color TV Chroma Output
KSE13003 FAIRCHILD-KSE13003 Datasheet
48Kb / 4P
High Voltage Switch Mode Applications
KSE13003 FAIRCHILD-KSE13003 Datasheet
466Kb / 4P
NPN Silicon Transistor
More results

Similar Description - KSE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPRU MSYSTEM-KPRU Datasheet
133Kb / 4P
Plug-in Signal Conditioners K-UNIT
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
KEP MSYSTEM-KEP Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KDY MSYSTEM-KDY Datasheet
100Kb / 3P
Plug-in Signal Conditioners K-UNIT
KBS MSYSTEM-KBS Datasheet
116Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAPU MSYSTEM-KAPU Datasheet
153Kb / 5P
Plug-in Signal Conditioners K-UNIT
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com