Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # KSE
Description  Plug-in Signal Conditioners K-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KSE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  KSE Datasheet HTML 1Page - M-System Co.,Ltd. KSE Datasheet HTML 2Page - M-System Co.,Ltd. KSE Datasheet HTML 3Page - M-System Co.,Ltd. KSE Datasheet HTML 4Page - M-System Co.,Ltd. KSE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: KSE
KSE SPECIFICATIONS
ES-3609 Rev.9 Page 2/5
https://www.m-system.co.jp/
•Output Code : 1
•Output Code : 2
0
50
100
v
Input
(%)
Lo Setpoint
v
Hi Setpoint
Hi Output
(9–10)ON
Lo Output
(1–2)ON
(1–3)ON
(9–11)ON
0
50
100
Input
(%)
v
Setpoint
Hi Output
(5–6)ON
(1–2)ON
Alarm Trip Operation Terminal No. in parentheses
Trip Operation in Power Failure
• Output Code 1 : Terminals 5 – 6 turn ON
• Output Code 2 : Terminals 1 – 2, 9 – 11 turn ON
INSTALLATION
Power consumption
•AC: Approx. 3 VA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 310 g (0.68 lb)
PERFORMANCE in percentage of span
Trip point repeatability: ±0.3 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 0.5 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to power)
2000 V AC @1 minute
(input or output or power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input to output to power: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com