Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007AEHZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7007AEHZ
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7007AEHZ Datasheet HTML 9Page - Analog Devices ADPA7007AEHZ Datasheet HTML 10Page - Analog Devices ADPA7007AEHZ Datasheet HTML 11Page - Analog Devices ADPA7007AEHZ Datasheet HTML 12Page - Analog Devices ADPA7007AEHZ Datasheet HTML 13Page - Analog Devices ADPA7007AEHZ Datasheet HTML 14Page - Analog Devices ADPA7007AEHZ Datasheet HTML 15Page - Analog Devices ADPA7007AEHZ Datasheet HTML 16Page - Analog Devices ADPA7007AEHZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 13 of 23
2100
15
300
900
1500
600
1200
1800
–1.5
–0.5
–0.7
–0.6
–0.9
–1.1
–1.3
–1.4
–0.8
–1.0
–1.2
VGGx (V)
Figure 40. IDQ vs. VGGx
2200
1300
1400
1700
2000
1500
1800
1600
1900
2100
–15
15
5
–5
–10
10
0
RF INPUT POWER (dBm)
20GHz
22GHz
28GHz
30GHz
32GHz
34GHz
38GHz
44GHz
Figure 41. IDD vs. RF Input Power at Various Frequencies,
VDD = 5 V, IDD = 1400 mA
90
0
10
40
70
20
50
30
60
80
4
20
14
8
6
18
12
16
10
POUT PER TONE (dBm)
20GHz
22GHz
28GHz
30GHz
32GHz
34GHz
38GHz
44GHz
Figure 42. Third-Order Intermodulation Distortion (IM3) vs. POUT per Tone,
VDD = 4 V, IDQ = 1400 mA
90
0
10
40
70
20
50
30
60
80
POUT PER TONE (dBm)
20GHz
22GHz
28GHz
30GHz
32GHz
34GHz
38GHz
44GHz
10
22
18
14
12
20
16
Figure 43. IM3 vs. POUT per Tone, VDD = 5 V, IDQ = 1400 mA
11
5
6
9
7
8
10
–10
15
5
–5
10
0
RF INPUT POWER (dBm)
20GHz
22GHz
28GHz
30GHz
32GHz
34GHz
38GHz
44GHz
Figure 44. Power Dissipation vs. RF Input Power at TA = 85°C, VDD = 5 V,
IDQ = 1400 mA
10.00
0.01
0.10
1.00
4
32
28
20
12
8
24
16
OUTPUT POWER (dBm)
+85°C
+25°C
–40°C
Figure 45. VREF − VDET vs. Output Power for Various Temperatures at 30 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com