Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007AEHZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA7007AEHZ
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA7007AEHZ Datasheet HTML 10Page - Analog Devices ADPA7007AEHZ Datasheet HTML 11Page - Analog Devices ADPA7007AEHZ Datasheet HTML 12Page - Analog Devices ADPA7007AEHZ Datasheet HTML 13Page - Analog Devices ADPA7007AEHZ Datasheet HTML 14Page - Analog Devices ADPA7007AEHZ Datasheet HTML 15Page - Analog Devices ADPA7007AEHZ Datasheet HTML 16Page - Analog Devices ADPA7007AEHZ Datasheet HTML 17Page - Analog Devices ADPA7007AEHZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADPA7007
Data Sheet
Rev. 0 | Page 14 of 23
0.01
0.1
1
10
4
8
12
16
20
24
28
32
OUTPUT POWER (dBm)
+85°C
+25°C
–40°C
Figure 46. VREF − VDET vs. Output Power for Various Temperatures at 20 GHz
0.01
0.1
1
10
4
8
12
16
20
24
28
32
OUTPUT POWER (dBm)
+85°C
+25°C
–40°C
Figure 47. VREF − VDET vs. Output Power for Various Temperatures at 40 GHz
0.01
0.1
1
10
18
20
22
24
26
28
30
32
34
36
38
40
42
44
FREQUENCY (GHz)
8dBm
10dBm
12dBm
14dBm
16dBm
18dBm
20dBm
22dBm
24dBm
26dBm
28dBm
Figure 48. VREF − VDET vs. Frequency for Various POUT Levels
–4
–3
–2
–1
0
1
2
3
4
–12
0
2
4
6
8
10
12
14
RF INPUT POWER (dBm)
22GHz
24GHz
26GHz
28GHz
30GHz
32GHz
34GHz
36GHz
38GHz
40GHz
42GHz
44GHz
46GHz
Figure 49. Gate Current (IGG) vs. RF Input Power at Various Frequencies,
VDD = 5 V, IDQ = 1400 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com