Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007AEHZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADPA7007AEHZ
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPA7007AEHZ Datasheet HTML 15Page - Analog Devices ADPA7007AEHZ Datasheet HTML 16Page - Analog Devices ADPA7007AEHZ Datasheet HTML 17Page - Analog Devices ADPA7007AEHZ Datasheet HTML 18Page - Analog Devices ADPA7007AEHZ Datasheet HTML 19Page - Analog Devices ADPA7007AEHZ Datasheet HTML 20Page - Analog Devices ADPA7007AEHZ Datasheet HTML 21Page - Analog Devices ADPA7007AEHZ Datasheet HTML 22Page - Analog Devices ADPA7007AEHZ Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 21 of 23
HMC980LP4E BIAS SEQUENCE
The dc supply sequencing in the Power-Up Sequence section
and the Power-Down Sequence section is required to prevent
damage to the HMC980LP4E when using it to control the
ADPA7007.
Power-Up Sequence
The power-up sequence is as follows:
1.
Set VDIG (Pin 9) of both HMC980LP4E devices to 3.3 V.
2.
Set the VDD pins of both HMC980LP4E devices to
5.765 V.
3.
Set VNEG (Pin 15) of both HMC980LP4E devices to
−1.5 V. This step is not needed if using an internally
generated voltage.
4.
Set EN (Pin 5) of both HMC980LP4E devices to 3.3 V
(transitioning from 0 V to 3.3 V turns on VGATE and
VDRAIN).
Power-Down Sequence
The power-down sequence is as follows:
1.
Set EN (Pin 5 of both HMC980LP4E devices) to 0 V
(transitioning from 3.3 V to 0 V turns off VDRAIN and
VGATE).
2.
Set VNEG (Pin 15 of both HMC980LP4E devices) to 0 V.
This step is not needed if using an internally generated
voltage.
3.
Set the VDD pins of both HMC980LP4E devices to 0 V.
4.
Set VDIG (Pin 9 of both HMC980LP4E devices) to 0 V.
When the HMC980LP4E bias control circuit is set up, toggle
the bias to the ADPA7007 on or off by applying 3.3 V or 0 V,
respectively, to the EN pin of the HMC980LP4E. At EN = 3.3 V,
the VGATE pin of the HMC980LP4E drops to −1.5 V and the
VDRAIN pin of the HMC980LP4E turns on at 5 V. VGATE
then rises until IDRAIN = 1800 mA, and the closed control loop
regulates IDRAIN at 1800 mA. When EN = 0 V, VGATE is set to
−1.5 V, and VDRAIN is set to 0 V (see Figure 58 and Figure 59).
3
CH1 2V
CH3 2V
CH2 1V
CH4 2V
M20.0ms
A CH1
1.12V
50.00%
1
T
VDD
VDRAIN
EN
VGATE
Figure 58. Turn On HMC980LP4E Outputs to ADPA7007
3
CH1 2V
CH3 2V
CH2 1V
CH4 2V
M20.0ms
A CH1
1.12V
50.00%
1
T
VDD
VDRAIN
EN
VGATE
Figure 59. Turn Off HMC980LP4E Outputs to ADPA7007
CONSTANT DRAIN CURRENT BIASING vs.
CONSTANT GATE VOLTAGE BIASING
The HMC980LP4E uses a feedback loop to continuously adjust
VGATE to maintain a constant drain current over dc supply
variation, temperature, RF input/output level, and device to
device variation. Constant drain current bias is the preferred
method for reducing time in calibration procedures and for
maintaining consistent performance over time.
In comparison to a constant gate voltage bias, where the current
increases when RF power is applied, a constant drain current has
a slightly lower output P1dB. This output P1db is shown in
Figure 63, where the RF performance is slightly lower than
constant gate bias voltage operation due to a lower drain current at
high input power (see Figure 60) as the HMC980LP4E reaches
1 dB compression.
The output P1dB performance for constant drain current bias
can be increased toward constant gate voltage bias performance
by increasing the set current toward the IDD value it reaches
under RF drive in the constant gate voltage bias condition (see
Figure 63).
The limit of increasing drain current under the constant
current operation is set by the thermal limitations found in
Table 4 with the maximum power dissipation specification. As
the IDD increase continues, the actual output P1dB does not
continue to increase indefinitely but the power dissipation
increases linearly. Therefore, take the trade-off between the
power dissipation and output P1dB performance into
consideration when using constant drain current biasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com