Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5047BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5047BCCZN-R7
Description  Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5047BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5047BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
ADRF5047
Rev. 0 | Page 5 of 15
ABSOLUTE MAXIMUM RATINGS
For recommended operating conditions, see Table 1.
Table 2.
Parameter
Rating
Supply Voltage
Positive
−0.3 V to +3.6 V
Negative
−3.6 V to +0.3 V
Digital Control Inputs Voltage
−0.3 V to VDD + 0.3 V
RFx Input Power (f1 = 5 MHz to 40 GHz,
TCASE = 85°C2)
Through Path
26.5 dBm
Hot Switching
26.5 dBm
Temperature
Junction, TJ
135°C
Storage
−65°C to +150°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
RFx Pins
2000 V
Supply and Digital Control Pins
2000 V
1
For power derating over frequency, see Figure 2 and Figure 3.
2
For 105°C operation, the power handling degrades from the TCASE = 85°C
specification by 3 dB.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 3. Thermal Resistance
Package Type
θJC
Unit
CC-20-6, Through Path
240
°C/W
POWER DERATING CURVES
2
–14
10k
100G
FREQUENCY (Hz)
–12
–10
–8
–6
–4
–2
0
100k
1M
10M
100M
1G
10G
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C
FREQUENCY (GHz)
2
–14
–12
–10
–8
–6
–4
–2
0
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Figure 3. Power Derating vs. Frequency, High Frequency Detail, TCASE = 85°C
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com