Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5047BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5047BCCZN-R7
Description  Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5047BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5047BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADRF5047
Data Sheet
Rev. 0 | Page 10 of 15
THEORY OF OPERATION
The ADRF5047 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
All of the RF ports (RFC, RF1 to RF4) are dc-coupled to 0 V,
and no dc blocking is required at the RF ports when the RF line
potential is equal to 0 V. The RF ports are internally matched to
50 Ω. Therefore, external matching networks are not required.
The ADRF5047 integrates a driver to perform logic functions
internally and to provide the user with the advantage of a
simplified CMOS/LVTTL-compatible control interface. The
driver features two digital control input pins (V1 and V2) that
control the state of the RF paths. The logic level applied to the
V1 and V2 pins determines which RF port is in the insertion
loss state, while the other three paths are in the isolation state
(see Table 5).
The insertion loss path conducts the RF signal between the
selected RF throw port and the RF common port. The switch
design is bidirectional with equal power handling capabilities.
The RF input signal can be applied to the RFC port or the
selected RF throw port. The isolation paths provide high loss
between the insertion loss path and the unselected RF throw
ports that are reflective.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp up.
3. Apply digital control inputs, V1 and V2. Applying these
digital control inputs before applying the VDD supply
inadvertently forwards bias and damages the internal ESD
protection structures. To avoid this damage, use a series
1 kΩ resistor to limit the current flowing into the control
pin. Use pull-up or pull-down resistors if the controller
output is in a high impedance state after VDD is powered
up and the control pins are not driven to a valid logic state.
4. Apply an RF input signal to either the RFC port or the RF
throw port.
The ideal power-down sequence is the reverse order of the
power-up sequence.
Table 5. Control Voltage Truth Table
Digital Control Inputs
RF Paths
V1
V2
RF1 to RFC
RF2 to RFC
RF3 to RFC
RF4 to RFC
Low
Low
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
High
Low
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
High
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
High
High
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com