Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5047BCCZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5047BCCZN-R7
Description  Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5047BCCZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5047BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADRF5047
Data Sheet
Rev. 0 | Page 8 of 15
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
RF1
RF2
RF4
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 13. Isolation vs. Frequency, RFC to RF3 On
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
–90
–80
–70
–60
–50
–40
–30
–20
–10
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
Figure 14. Channel to Channel Isolation vs. Frequency, RFC to RF1 On
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
–90
–80
–70
–60
–50
–40
–30
–20
–10
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
Figure 15. Channel to Channel Isolation vs. Frequency, RFC to RF3 On
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
–90
–80
–70
–60
–50
–40
–30
–20
–10
RF1
RF2
RF3
Figure 16. Isolation vs. Frequency, RFC to RF4 On
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
–90
–80
–70
–60
–50
–40
–30
–20
–10
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
Figure 17. Channel to Channel Isolation vs. Frequency, RFC to RF2 On
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
–90
–80
–70
–60
–50
–40
–30
–20
–10
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
Figure 18. Channel to Channel Isolation vs. Frequency, RFC to RF4 On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com