Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK3402 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK3402
Description  30V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3402 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK3402 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 4Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =250µA
30
V
Zero gate voltage drain current
IDSS
VDS =24V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±12V, VDS = 0V
100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
0.6
0.85
1.4
V
VGS =10V, ID =4A
33
55
mΩ
VGS =4.5V, ID =3A
39
70
mΩ
Drain-source on-resistance (note 3)
RDS(on)
VGS =2.5V, ID =2A
48
110
mΩ
Forward transconductance (note 3)
gFS
VDS =15V, ID =4A
8
S
Diode forward voltage (note 3)
VSD
IS=1A, VGS = 0V
1
V
DYNAMIC CHARACTERISTICS (note 4)
Input capacitance
Ciss
390
pF
Output capacitance
Coss
54.5
pF
Reverse transfer capacitance
Crss
VDS =15V,VGS =0V,f =1MHz
41
pF
Gate resistance
Rg
VDS =0V,VGS =0V,f =1MHz
3
Ω
SWITCHING CHARACTERISTICS (note 4)
Turn-on delay time
td(on)
3.3
ns
Turn-on rise time
tr
1
ns
Turn-off delay time
td(off)
21.7
ns
Turn-off fall time
tf
VGS=10V,VDS=15V,
RL=3.75Ω,RGEN=6Ω
2.1
ns
Total gate charge
Qg
4.34
nC
Gate-source Charge
Qgs
0.6
nC
Gate-drain Charge
Qgd
VDS =15V,VGS =4.5V,ID =4A
1.38
nC
Body diode reverse recovery time
trr
1.2
ns
Body diode reverse recovery charge
Qrr
IF=4A,dI/dt=100A/µs
6.3
nC
Notes :
1. Repetitive rating : Pulse width limited by junction temperature.
2. Surface mounted on FR4 board , t≤10s.
3. Pulse Test : Pulse Width≤80µs, Duty Cycle≤0.5%.
4. Guaranteed by design, not subject to producting.
Electrical Characteristics (Ta =25℃, unless otherwise noted)
FTK3402
2020. 05. 25
2/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com