Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK3402 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK3402
Description  30V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3402 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK3402 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 4Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
0
1
2
3
45
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
14
25
50
75
100
125
0.2
0.4
0.6
0.8
1.0
1.2
Ta=100℃
V
SD
I
S ——
T =25℃
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=3V,4V,5V,10V
V
GS=2V
Output Characteristics
V
GS=1.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
T
a=100
℃
T
a=25
℃
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
——
R
DS(ON)
I
D=4A
V
DS=3V
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
j
( )
℃
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
25
30
35
40
45
50
55
V
GS=2.5V
V
GS=4.5V
V
GS=10V
T
a=25
℃
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
Typical Characteristics
FTK3402
2020. 05. 25
3/5
Revision No : 0
a



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com