Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK3402 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK3402
Description  30V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3402 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK3402 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 4Page - First Silicon Co., Ltd FTK3402 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The FTK3402 uses advanc ed trench technology to provide excellent
RDS(ON) , low gate charge and operation with gate voltage as low as 2.5V.
This device is suitable for use as a load switch or in PWM application.
FEATURES
Lead free product is acquired
Surface mount package
APPLICATION
Load Switch and in PWM applications
MARKING: R2
Maximum ratings (Ta=25
℃ unless otherwise noted)
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Value
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
4
A
Pulsed Drain Current (note 1)
IDM
15
A
Power Dissipation
PD
0.35
W
Thermal Resistance from Junction to Ambient (note 2)
RθJA
357
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~+150
℃
SOT-23
1. GATE
2. SOURCE
V(BR)DSS
RDS(on)MAX
ID
30V
55 m
Ω@10V
4A
70 m
Ω@4.5V
110 m
Ω@2.5V
Equivalent Circuit
1
2
3
30V N-Channel MOSFET
SEMICONDUCTOR
TECHNICAL DATA
FTK3402
2020. 05. 25
1/5
Revision No : 0
R2
3. DRAIN


Similar Part No. - FTK3402

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3400 FS-FTK3400 Datasheet
283Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FTK3401 FS-FTK3401 Datasheet
279Kb / 4P
High Power and current handing capability
FTK3401A FS-FTK3401A Datasheet
374Kb / 4P
GENERAL FEATURES
FTK3404 FS-FTK3404 Datasheet
347Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FTK3404A FS-FTK3404A Datasheet
1Mb / 6P
30V N-Channel MOSFET
More results

Similar Description - FTK3402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com