Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803ASTZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADAV803ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803ASTZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAV803ASTZ Datasheet HTML 28Page - Analog Devices ADAV803ASTZ Datasheet HTML 29Page - Analog Devices ADAV803ASTZ Datasheet HTML 30Page - Analog Devices ADAV803ASTZ Datasheet HTML 31Page - Analog Devices ADAV803ASTZ Datasheet HTML 32Page - Analog Devices ADAV803ASTZ Datasheet HTML 33Page - Analog Devices ADAV803ASTZ Datasheet HTML 34Page - Analog Devices ADAV803ASTZ Datasheet HTML 35Page - Analog Devices ADAV803ASTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
ADAV803
Rev. 0 | Page 32 of 56
17. SRC and Cl
Control Register
1
SRCDIV0
CLK2DIV1
CLK2DIV0
CLK1DIV1
CLK1DIV0
MCLKSEL1
MCLKSEL0
REGISTER DESCRIPTIONS
Table
ock
SRCDIV
7
6
5
4
3
2
1
0
ADDRESS = 0000000 (0x00)
SRCDIV1–0
Divides the SRC master clock.
00 = SRC master clock is not divided.
is divided by 1.5.
k is divided by 3.
er for Internal Clock 2 (ICLK2).
Clock divider for Internal Clock 1 (ICLK1).
00 = Divide by 1.
ivide by
= Divide by
lection for the SRC master clock.
12 × fS).
ck (256 × fS).
01 = SRC master clock
10 = SRC master clock is divided by 2.
11= SRC master cloc
CLK2DIV1–0
Clock divid
00 = Divide by 1.
01 = Divide by 1.5.
10 = Divide by 2.
11 = Divide by 3.
CLK1DIV1–0
01 = Divide by 1.5.
10 = D
2.
11
3.
MCLKSEL1–0
Clock se
00 = Internal Clock 1.
01 = Internal Clock 2.
10 = PLL recovered clock (5
11 = PLL recovered clo
Table 18. SPDIF Loop
RES
RES
RES
RES
RES
RES
TxMUX
back Control Register
RES
7
6
5
4
3
2
1
0
ADDRESS = 0000011 (0x03)
TxMUX
Selects the source for SPDIF output (DITOUT).
0 = SPDIF transmitter, normal mode.
1 = DIRIN, loopback mode.
Table 19. Playback Port Control Register
RES
RES
RES
CLKSRC1
CLKSRC0
SPMODE2
SPMODE1
SPMODE0
7
6
5
4
3
2
1
0
ADDRESS = 0000100 (0x04)
CLKSRC1–0
Selects the clock source for generating the ILRCLK and IBCLK.
00 = Input port is a slave.
01 = Recovered PLL clock.
10 = Internal Clock 1.
11 = Internal Clock 2.
SPMODE2–0
Selects the serial format of the playback port.
000 = Left-justified.
001 = I2S.
100 = 24-bit, right-justified.
101 = 20-bit, right-justified.
110 = 18-bit, right-justified.
111 = 16-bit, right-justified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com