Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803ASTZ Datasheet(PDF) 48 Page - Analog Devices

Part # ADAV803ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803ASTZ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAV803ASTZ Datasheet HTML 44Page - Analog Devices ADAV803ASTZ Datasheet HTML 45Page - Analog Devices ADAV803ASTZ Datasheet HTML 46Page - Analog Devices ADAV803ASTZ Datasheet HTML 47Page - Analog Devices ADAV803ASTZ Datasheet HTML 48Page - Analog Devices ADAV803ASTZ Datasheet HTML 49Page - Analog Devices ADAV803ASTZ Datasheet HTML 50Page - Analog Devices ADAV803ASTZ Datasheet HTML 51Page - Analog Devices ADAV803ASTZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
ADAV803
Rev. 0 | Page 48 of 56
Gain Register
Table 66. ADC Right Channel PGA
RES
RES
AGR5
AGR4
AGR3
AGR2
AGR1
AGR0
7
6
5
4
3
2
1
0
ADDRESS = 1101101 (0x6D)
AGR5–0
PGA right channel gain control.
000000 = 0 dB.
000001 = 0.5 dB.
…
101111 = 23.5 dB.
110000 = 24 dB.
…
111111 = 24 dB.
Table 67. ADC Control Register 1
AMC
HPF
PWRDWN
ANA_PD
MUTER
MUTEL
PLPD
PRPD
7
6
5
4
3
2
1
0
ADDRESS = 1101110 (0x6E)
AMC
ADC modulator clock.
0 = ADC MCLK/2 (128 × fS).
1 = ADC MCLK/4 (64 × fS).
HPF
1 = HPF enabled.
ow
wer-down.
UTER
Mute ADC right channel.
ormal.
Po er-dow
ht power-down.
High-pass filter enable.
0 = Normal.
PWRDWN
ADC power-down.
l.
0 = Norma
1 = Power-d
n.
ion po
ANA_PD
ADC analog sect
0 = Normal.
1 = Power-down.
M
0 = Normal.
1 = Muted.
MUTEL
Mute ADC left channel.
0 = Normal.
1 = Muted.
PLPD
PGA left power-down.
0 = N
1 =
w
PRPD
PGA rig
n.
0 = Normal.
1 = Power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com