Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803ASTZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADAV803ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803ASTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAV803ASTZ Datasheet HTML 2Page - Analog Devices ADAV803ASTZ Datasheet HTML 3Page - Analog Devices ADAV803ASTZ Datasheet HTML 4Page - Analog Devices ADAV803ASTZ Datasheet HTML 5Page - Analog Devices ADAV803ASTZ Datasheet HTML 6Page - Analog Devices ADAV803ASTZ Datasheet HTML 7Page - Analog Devices ADAV803ASTZ Datasheet HTML 8Page - Analog Devices ADAV803ASTZ Datasheet HTML 9Page - Analog Devices ADAV803ASTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
ADAV803
Rev. 0 | Page 6 of 56
Parameter
Min
Typ
Max
Unit
Comments
Power-Down Current
RESET low, no MCLK
Analog Current
18
mA
Digital Current
2.5
mA
Digital Interface Current
700
µA
DIRIN/DIROUT Current
3.5
mA
PLL Current
900
µA
Power Supply Rejection
Signal at Analog Supply Pins
−70
dB
1 kHz, 300 mV p-p
−70
dB
20 kHz, 300 mV p-p
1 Guaranteed by design.
TIMING SPECIFICATIONS
Timing specifications are guaranteed over the full temperature and supply range.
Table 3.
Parameter
Min
Typ
Max
Unit
Comments
MASTER CLOCK AND RESET
fMCLK
MCLKI Frequency
12.288
54
MHz
fXIN
XIN Frequency
27
54
MHz
tRESET
RESET Low
20
ns
I2C PORT
fSCL
SCL Clock Frequency
400
kHz
tSCLH
SCL High
0.6
µs
tSCLL
SCL Low
1.3
µs
Start Condition
tSCS
Setup Time
0.6
µs
Relevant for repeated start condition
tSCH
Hold Time
0.6
µs
After this period, the first clock is generated
tDS
Data Setup Time
100
ns
tSCR
SCL Rise Time
300
ns
tSCF
SCL Fall Time
300
ns
tSDR
SDA Rise Time
300
ns
tSDF
SDA Fall Time
300
ns
Stop Condition
tSCS
Setup Time
0.6
µs
SERIAL PORTS1
Slave Mode
tSBH
xBCLK High
40
ns
tSBL
xBCLK Low
40
ns
fSBF
xBCLK Frequency
64 × fS
tSLS
xLRCLK Setup
10
ns
To xBCLK rising edge
tSLH
xLRCLK Hold
10
ns
From xBCLK rising edge
tSDS
xSDATA Setup
10
ns
To xBCLK rising edge
tSDH
xSDATA Hold
10
ns
From xBCLK rising edge
tSDD
xSDATA Delay
10
ns
From xBCLK falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com