Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3308 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATSAM3308
Description  Combined MIDI-Synthesizer and MP3 Decoder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATSAM3308 Datasheet HTML 12Page - ATMEL Corporation ATSAM3308 Datasheet HTML 13Page - ATMEL Corporation ATSAM3308 Datasheet HTML 14Page - ATMEL Corporation ATSAM3308 Datasheet HTML 15Page - ATMEL Corporation ATSAM3308 Datasheet HTML 16Page - ATMEL Corporation ATSAM3308 Datasheet HTML 17Page - ATMEL Corporation ATSAM3308 Datasheet HTML 18Page - ATMEL Corporation ATSAM3308 Datasheet HTML 19Page - ATMEL Corporation ATSAM3308 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
ATSAM3308
6090A–DRMSD–08/04
Serial Slave
Synchronous Interface
The ATSAM3308 can be controlled by an external host processor through this unidirec-
tional serial interface. However, no firmware can be downloaded at power-up through
this interface. Therefore an external ROM/Flash/EEPROM is required.
Pins used: SCLK, SYNC, SDIN (input) INT (output)
Data is shifted into MSB first. The IC samples an incoming SDIN bit on the rising edge of
SCLK, therefore the host should change SDIN on the negative SCLK edge.
SYNC allows initial synchronization. The rising edge of SYNC, which should occur with
SCLK low, indicates that SDIN will hold MSB data on the next rising SCLK.
The data is stored internally into a 256 byte FIFO.
When the FIFO count is below 64, the INT output goes low. This allows the host proces-
sor to send data in burst mode.
The maximum SCLK frequency is fck (fck being the crystal frequency).The minimum
time between two bytes is 64 fck periods.
The contents of the SDIN data are defined by the firmware.
Figure 8. Serial Slave Interface Typical Timing
Digital Audio
Pins used: CLBD (output), WSBD (output) DABD3 - 0 (outputs) DAAD3 - 0 (inputs)
Optionally: CLAD3 - 0 (inputs), WSAD3 - 0 (inputs)
The ATSAM3308 allows for 8 digital audio output channels and 8 digital audio input
channels. All audio channels are normally synchronized on single clocks CLBD, WSBD
which are derived from the IC crystal oscillator. However, as a firmware option, the
DAAD3 - 0 inputs can be synchronized with incoming CLAD3 - 0 and WSAD3 - 0 sig-
nals. In this case, the incoming sampling frequencies must be lower or equal to the chip
sampling frequency.
The digital audio timing follows the I2S standard, with up to 24 bits per sample
Figure 9. Digital Audio Timing
SCLK
SYNC
SDIN
MSB
tCW
tCW
tSOD
tSOD
tCLBD
WSB
CLB
DABD3 - 0
DAAD3 - 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com