Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3308 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATSAM3308
Description  Combined MIDI-Synthesizer and MP3 Decoder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATSAM3308 Datasheet HTML 16Page - ATMEL Corporation ATSAM3308 Datasheet HTML 17Page - ATMEL Corporation ATSAM3308 Datasheet HTML 18Page - ATMEL Corporation ATSAM3308 Datasheet HTML 19Page - ATMEL Corporation ATSAM3308 Datasheet HTML 20Page - ATMEL Corporation ATSAM3308 Datasheet HTML 21Page - ATMEL Corporation ATSAM3308 Datasheet HTML 22Page - ATMEL Corporation ATSAM3308 Datasheet HTML 23Page - ATMEL Corporation ATSAM3308 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
ATSAM3308
6090A–DRMSD–08/04
Recommended Board
Layout
Like all HCMOS high integration ICs, following simple rules of board layout is mandatory
for reliable operations:
GND, VC33, VC18 distribution, decoupling
All GND, VC33, VC18 pins should be connected. A GND plane is strongly recom-
mended. The board GND + VC33 distribution should be in grid form.
Recommended VC18 decoupling is 0.1 µF at each corner of the IC with an additional 10
µF decoupling close to the crystal. VC33 requires a single 0.1 µF decoupling.
Crystal, LFT
The paths between the crystal, the crystal compensation capacitors, the LFT filter R-C-
R and the IC should be short and shielded. The ground return from the compensation
capacitors and LFT filter should be the GND plane from the IC.
Buses
Parallel layout from D0 - D7 and WA0 - WA21/WD0 - WD15 should be avoided. The D0
- D7 bus is an asynchronous type bus. Even on short distances, it can induce pulses on
WA0 - WA21/WD0 - WD15 which can corrupt address and/or data on these buses.
A ground plane should be implemented below the D0 - D7 bus that connects both to the
host and to the IC GND.
A ground plane should be implemented below the WA0 - WA21/WD0 - WD15 bus that
connects both to the ROM/Flash grounds and to the IC.
Analog Section
A specific AGND ground plane should be provided, which connects by a single trace to
the GND ground. No digital signals should cross the AGND plane. Refer to the Codec
vendor recommended layout for correct implementation of the analog section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com