Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3308 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM3308
Description  Combined MIDI-Synthesizer and MP3 Decoder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM3308 Datasheet HTML 1Page - ATMEL Corporation ATSAM3308 Datasheet HTML 2Page - ATMEL Corporation ATSAM3308 Datasheet HTML 3Page - ATMEL Corporation ATSAM3308 Datasheet HTML 4Page - ATMEL Corporation ATSAM3308 Datasheet HTML 5Page - ATMEL Corporation ATSAM3308 Datasheet HTML 6Page - ATMEL Corporation ATSAM3308 Datasheet HTML 7Page - ATMEL Corporation ATSAM3308 Datasheet HTML 8Page - ATMEL Corporation ATSAM3308 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
ATSAM3308
6090A–DRMSD–08/04
DSP Array Block
Diagram
Figure 1. ATSAM3308 DSP Array Block Diagram
Functional Description
DSP Array
The ATSAM3308 includes eight on-chip DSPs.
Each DSP (P24) is built around a 2k x 24 RAM and a 1k x 24 ROM. The RAM contains
both data and P24 instructions, the ROM contains typical coefficients such as FFT
cosines and windowing. A P24 sends and receives audio samples through the Sync
Bus. It can request external data such as compressed audio through the Async Bus.
Each P24 RAM can be accessed through the Async Bus.
Each P24 is capable of typical MAC operation loops, including auto-indexing, bit reverse
and butterfly (multiplication of complex numbers). It also includes specialized audio
instructions such as state variable IIR filtering, envelope generation, linear interpolation
and wavetable loop.
One P24 is sufficient for processing one channel of MP3 data pump, implementing a
multi-tap delay line or a multi-tap transversal filter. A single P24 is also capable of gener-
ating twelve voices of wavetable sound at 32 kHz sampling rate (8 voices at 48 kHz),
including sample cache, pitch control, 2nd order filter and two envelope generators.
Sync Bus
The Sync Bus transfers data on a frame basis, typical frame rates being 32, 44.1, 48 or
96 kHz. Each frame is divided into 64 time slots. Each slot is divided into 4 bus cycles.
Each P24 is assigned a hardwired time slot (8 to 63), during which it may provide 24-bit
data to the bus (up to 4 data samples). Each P24 can read data on the bus at any time,
ATSAM3308
Sync Bus
Async Bus
Audio I/0
External I/O
I/Os,
Timers,
UARTs,
DataFlash,
Ports
Router
Final ACC
MIX
Audio OUT
Audio IN
16 bit Processor
(P16)
Embedded ROM
1k x 16
BIOS and Debug
MMU
External
RAM
ROM
Flash
Embedded RAM
16k x 24
DSP Array (8 P24 DSPs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com