Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2N70 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2N70
Description  N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2N70 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2N70 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TO-220FP
TO-220FP
TO-220FP
TO-220FP 封装机械尺寸
TO-220FP
TO-220FP
TO-220FP
TO-220FP MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DATA
DATA
DATA
DATA
单位::::毫米////UNIT
UNIT
UNIT
UNIT:mm
mm
mm
mm
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最小值
min
min
min
min
典型值
nom
nom
nom
nom
最大值
max
max
max
max
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最小值
min
min
min
min
典型值
nom
nom
nom
nom
最大值
max
max
max
max
A
4.
4.
4.
4.4
4
4
40
0
0
0
4.
4.
4.
4.9
9
9
95
5
5
5
e
2.54
A1
2.30
2.90
L
12.50
14.30
b
0.45
0.90
L1
9.10
10.05
b1
1.10
1.70
L2
15.00
16.00
c
0.35
0.90
L3
3.00
4.00
D
14.50
17.00
øp
3.00
3.50
D1
6.10
9.00
Q
2.30
2.80
E
9.60
10.30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com