Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2N70 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2N70
Description  N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2N70 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2N70 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
N-
N-
N-
N-沟道功率 MOS
MOS
MOS
MOS 管//// N-C
N-C
N-C
N-CHANNEL
HANNEL
HANNEL
HANNEL POWER
POWER
POWER
POWER MOSFET
MOSFET
MOSFET
MOSFET
● 特性曲线
图 1111 输出特性曲线, Tc=25℃
图 2222 输出特性曲线, Tc=150℃
Fig1 Typical Output Characteristics, Tc=25℃
Fig2 Typical Output Characteristics, Tc=150℃
图 3333 归一化导通电阻与温度曲线
图 4444 二极管正向压降曲线
Fig3 Normalized Resistance Vs. Temperature
Fig4 Typical Source-Drain Diode Forward Voltage
图 5555 最大漏极电流与壳温曲线
图 6666 最大安全工作区曲线
Fig5 Maximum Drain Current Vs. Case Temperature
Fig6 Maximum Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com