Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2N70 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2N70
Description  N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2N70 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2N70 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
N-
N-
N-
N-沟道功率 MOS
MOS
MOS
MOS 管//// N-C
N-C
N-C
N-CHANNEL
HANNEL
HANNEL
HANNEL POWER
POWER
POWER
POWER MOSFET
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
测试条件
TEST
TEST
TEST
TEST CONDITION
CONDITION
CONDITION
CONDITION
最小值
MIN
MIN
MIN
MIN
典型值
TYP
TYP
TYP
TYP
最大值
MAX
MAX
MAX
MAX
单位
UNIT
UNIT
UNIT
UNIT
栅极漏电流
Gate-body Leakage
Current (VDS = 0)
IGSS
VGS =±30V
±100
nA
漏-源导通电阻
Static Drain-source On
Resistance
RDS(ON)
VGS =10V, ID=1A
③
③
③
③
5.5
6.5
Ω
输入电容
Input Capacitance
Ciss
VGS = 0V, VDS = 25V
F = 1.0MHZ
311
pF
关断延迟
Turn -Off Delay Time
Td(off)
VDD=300V, ID =2.0A
RG=25Ω
③
③
③
③
24
ns
栅极电荷
Total Gate Charge
Qg
ID =2.0A, VDS = 560V
VGS = 10V
③
③
③
③
14.5
nC
栅源电荷
Gate-to-Source Charge
Qgs
1.8
nC
栅漏电荷
Gate-to-Drain Charge
Qgd
8..3
nC
二极管正向电流
Continuous Diode Forward
Current
IS
2.0
A
二极管正向压降
Diode Forward Voltage
VSD
Tj=25°C, Is=2.0A
VGS =0V
③
③
③
③
1.4
V
反向恢复时间
Reverse Recovery Time
trr
Tj=25°C,If=2.0A
di/dt=100A/μs
③
③
③
③
380
ns
反向恢复电荷
Reverse Recovery Charge
Qrr
0.9
uC
●热特性
●Thermal
Thermal
Thermal
Thermal Characteristics
Characteristics
Characteristics
Characteristics
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最大值
MAX
MAX
MAX
MAX
最大值
MAX
MAX
MAX
MAX
单位
UNIT
UNIT
UNIT
UNIT
TO-2
TO-2
TO-2
TO-220
20
20
20
TO-251/251S/252
TO-251/251S/252
TO-251/251S/252
TO-251/251S/252/220FP
/220FP
/220FP
/220FP
热阻结-壳
Thermal Resistance Junction-case
RthJC
2.5
4.46
℃/W
热阻结-环境
Thermal Resistance Junction-ambient
RthJA
110.0
110.0
℃/W
注释((((Notes
Notes
Notes
Notes))))::::
①
①
①
① 脉冲宽度:以最高结温为限制
Repetitive rating: Pulse width limited by maximum junction temperature
②
②
②
② 初始结温=25oC, VDD =50V, L=56mH, RG =25Ω, IAS=2.0A
Starting Tj=25oC, VDD =50V, L=56mH, RG =25Ω, IAS=2.0A
③
③
③
③ 脉冲测试:脉冲宽度≤ 300μs ,占空比≤ 2 %
Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com