Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2PRU Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2PRU
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2PRU Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2PRU Datasheet HTML 1Page - M-System Co.,Ltd. M2PRU Datasheet HTML 2Page - M-System Co.,Ltd. M2PRU Datasheet HTML 3Page - M-System Co.,Ltd. M2PRU Datasheet HTML 4Page - M-System Co.,Ltd. M2PRU Datasheet HTML 5Page - M-System Co.,Ltd. M2PRU Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M2PRU
M2PRU SPECIFICATIONS
ES-5076 Rev.18 Page 3/6
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ Open Collector: 50 V DC @200 mA (resistive load)
Maximum frequency: 100 kHz
Saturation voltage: 0.6 V DC
■ Voltage Pulse
Maximum frequency: 100 kHz
High level: Rating (5, 12 or 24 V) ±10 %
Low level: ≤ 0.5 V
Load resistance:
≥ 500 Ω for 5 V
≥ 1200 Ω for 12 V
≥ 4800 Ω for 24 V
■ AC/DC Switch
132 V AC @200 mA (cos ø = 1)
30 V DC @200 mA (resistive load)
Maximum frequency: 1 kHz
Internal voltage drop: ≤ 3 V
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE
Response time: 25 μsec. + input cycle + output cycle
(time required for the first pulse to be output from a train of
pulse input)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Open collector/voltage pulse output
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
AC/DC switch output
Input or output to power: Reinforced insulation (300 V)
Input to output: Reinforced insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com