Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2PRU Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M2PRU
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2PRU Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M2PRU Datasheet HTML 1Page - M-System Co.,Ltd. M2PRU Datasheet HTML 2Page - M-System Co.,Ltd. M2PRU Datasheet HTML 3Page - M-System Co.,Ltd. M2PRU Datasheet HTML 4Page - M-System Co.,Ltd. M2PRU Datasheet HTML 5Page - M-System Co.,Ltd. M2PRU Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M2PRU
M2PRU SPECIFICATIONS
ES-5076 Rev.18 Page 4/6
http://www.m-system.co.jp/
EXTERNAL VIEW
Scaling Factor
Pulse Width Adj.
Pulse Width
Range Selector
*Settings 7 through 9 are invalid.
No pulse output with these settings.
The front cover cannot be opened to 180 deg.
when flush with neighboring units.
■ FRONT VIEW (with cover open)
■ RIGHT SIDE VIEW
Pulse Sensing Type Selector
DC
AC
: DC coupling
: Capacitor coupling
DC
AC
(A) 10
–1
(B) 10
–2
(C) 10
–3
(D) 10
–4
(E) 10
–n*
■ SCALING FACTOR
Positions for the rotary switches 10–1 through 10–n apply re-
spectively to each digit of the decimals and exponential as
shown below.
Output Rate = Input Rate × 0. (A)(B)(C)(D) × 10 –(E)
where the scaling factor is adjustable from
1.0000 × 10 –0 thr. 0.0001 × 10 –6
[Examples]
Scaling factor 0.1440:
(A) = 1, (B) = 4, (C) = 4, (D) = 0, (E) = 0
Scaling factor 1.0000 is special:
(A) = 0, (B) = 0, (C) = 0, (D) = 0
■ PULSE WIDTH
Factory adjusted to a suitable value. Use only when the output
device (counter) is not able to read the output pulses.
Min. 400 μsec. recommended for AC/DC switch output of which
the internal voltage drop value may increase with a shorter
pulse width.
OFF
H
ON
L
OUTPUT TYPE
Bold section of
the waveform
is adjustable.
VOLTAGE
PULSE
OPEN COLLECTOR
AC/DC SWITCH
■ PULSE WIDTH RANGE
Selects adjustable range of the output pulse width.
L (Left)
: Approx. 0.2 – 10 msec.
CTR (Center): Approx. 5 – 200 μsec.
R (Right)
: Approx. 10 – 400 msec.
■ PULSE SENSING TYPE
Provided only when the voltage pulse input is selected. Factory set
to ‘DC coupling.’
When the DC offset is too large to detect by DC coupling, switch to
‘Capacitor coupling.’
Refer to the instruction manual for detailed procedures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com