Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2PRU Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2PRU
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2PRU Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2PRU Datasheet HTML 1Page - M-System Co.,Ltd. M2PRU Datasheet HTML 2Page - M-System Co.,Ltd. M2PRU Datasheet HTML 3Page - M-System Co.,Ltd. M2PRU Datasheet HTML 4Page - M-System Co.,Ltd. M2PRU Datasheet HTML 5Page - M-System Co.,Ltd. M2PRU Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M2PRU
M2PRU SPECIFICATIONS
ES-5076 Rev.18 Page 2/6
http://www.m-system.co.jp/
CAUTION
1) The M2PRU’s output waveform is not uniform due to its
scaling method. The user must be aware that it may be
inconvenient for certain types of application.
2) The M2PRU is designed to accept at the maximum of 100
kHz, which may cause errors due to chattering in the input
pulses.
A filter circuitry (time constant: approx. 1 msec.) is
incorporated to eliminate unwanted chattering when the
mechanical contact input is specified. It is effective for
most relay types, however, an external CR filter as indicated
below, could be added if the user need improvement. Limit
the input frequency to 10 Hz at maximum.
C
+
Relay
R
PULSE
SCALER
C = 100 µF
R = 100Ω
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Chattering protection: Filter provided for mechanical
contact input (time constant: approx. 1 msec.)
Input pulse sensing: DC coupled; capacitor coupling
(automatic trigger*) is field selectable with the side DIP
switch for the voltage pulse input.
*Capacitor coupling, with which the detecting levels are
automatically set within two peaks of the waveforms, is
effective way to detect those with DC offset. However, it
may be ineffective if the duty ratio is extremely high or low.
The automatic trigger method can compensate such
irregular pulses.
Scaling factor adjustment: 10-position rotary switch; 1.0000
× 100 – 0.0001 × 10–6; factory set to 1.0000 × 100 if not
specified when ordering
Output pulse width adjustment: Single-turn screwdriver
adjustment (front); 5 μsec. – 400 msec. (one-shot type);
Factory set to 5 μsec. except for the mechanical contact
input set to 15 msec. or AC/DC switch output set to 500
μsec.
(Min. 400 μsec. recommended for AC/DC switch output of
which the internal voltage drop value may increase with a
shorter pulse width.)
Output pulse width range selector: Double-throw SW (front)
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; limited to approx. 40 mA
at shortcircuit
■ Open Collector
Frequency range: 0 – 100 kHz
Pulse width time requirement: Min. 5 μsec. for ON and OFF
Sensing: Approx. 24 V DC @2 mA
Detecting levels: ≤ 400 Ω / 0.8 V for ON,
≥ 1200 Ω / 2.4 V for OFF
■ Mechanical Contact
Frequency range: 0 – 30 Hz
Pulse width time requirement: Min. 10 msec. for ON and OFF
Sensing: Approx. 24 V DC @2 mA
Detecting levels: ≤ 400 Ω / 0.8 V for ON,
≥ 1200 Ω / 2.4 V for OFF
■ Voltage Pulse
Waveform: Square or sine
Frequency range: 0 – 100 kHz
(min. 10 Hz for sine waves)
Pulse width time requirement: ≥ 5 μsec. for high and low
levels
Input impedance: ≥ 10 kΩ
Max. input voltage across the terminals: ±50 V
Detecting levels
DC coupled: ≥ 2 V DC for high level; ≤ 1 V DC for low level
Capacitor coupled: ≥ 2 Vp-p
■ Two-wire Current Pulse
Frequency range: 0 – 100 kHz
Pulse width time requirement: Min. 5 μsec. for high and low
levels
Detecting levels:
≥ 10 mA for high level
≤ 5 mA for low level
Maximum current: ±30 mA
Input resistance: Receiving resistor 200 Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com